Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSK Datasheet(PDF) 9 Page - ATMEL Corporation

Part # FSK
Description  Transmitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

FSK Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button FSK Datasheet HTML 5Page - ATMEL Corporation FSK Datasheet HTML 6Page - ATMEL Corporation FSK Datasheet HTML 7Page - ATMEL Corporation FSK Datasheet HTML 8Page - ATMEL Corporation FSK Datasheet HTML 9Page - ATMEL Corporation FSK Datasheet HTML 10Page - ATMEL Corporation FSK Datasheet HTML 11Page - ATMEL Corporation FSK Datasheet HTML 12Page - ATMEL Corporation FSK Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
4546F–RKE–12/08
T5750
Figure 4-5.
ESD Protection Circuit
CLK
VS
GND
PA_ENABLE
XTAL
ANT2
ENABLE
ANT1
5.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameters
Symbol
Minimum
Maximum
Unit
Supply voltage
V
S
5V
Power dissipation
P
tot
100
mW
Junction temperature
T
j
150
°C
Storage temperature
T
stg
–55
125
°C
Ambient temperature
T
amb
–55
125
°C
Input voltage
VmaxPA_ENABLE
–0.3
(VS + 0.3)
(1)
V
Note:
1. If VS + 0.3 is higher than 3.7V, the maximum voltage will be reduced to 3.7V.
6.
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
RthJA
170
K/W
7.
Electrical Characteristics
VS = 2.0V to 4.0V, Tamb = –40°C to 125°C unless otherwise specified.
Typical values are given at VS = 3.0V and Tamb = 25°C. All parameters are referred to GND (pin 7).
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Supply current
Power down,
V
ENABLE < 0.25V, –40°C to 85°C
VPA_ENABLE < 0.25V, –85°C to +125°C
VPA_ENABLE < 0.25V, 25°C
(100% correlation tested)
IS_Off
<10
350
7
nA
µA
nA
Supply current
Power up, PA off, V
S = 3V,
VENABLE >1.7V, VPA_ENABLE < 0.25V
IS
3.6
4.6
mA
Power up, VS =3.0,
V
ENABLE >1.7V, VPA_ENABLE >1.7V
I
S_Transmit
8.5
11
mA
Output power
V
S = 3.0V, Tamb =25°C,
f = 868.3 MHz, Z
Load = (166 + j226)Ω
PRef
3.5
5.5
8
dBm
Note:
1. If V
S is higher than 3.6V, the maximum voltage will be reduced to 3.6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com