Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSK Datasheet(PDF) 2 Page - ATMEL Corporation

Part # FSK
Description  Transmitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

FSK Datasheet(HTML) 2 Page - ATMEL Corporation

  FSK Datasheet HTML 1Page - ATMEL Corporation FSK Datasheet HTML 2Page - ATMEL Corporation FSK Datasheet HTML 3Page - ATMEL Corporation FSK Datasheet HTML 4Page - ATMEL Corporation FSK Datasheet HTML 5Page - ATMEL Corporation FSK Datasheet HTML 6Page - ATMEL Corporation FSK Datasheet HTML 7Page - ATMEL Corporation FSK Datasheet HTML 8Page - ATMEL Corporation FSK Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
4546F–RKE–12/08
T5750
2.
Pin Configuration
Figure 2-1.
Pinning TSSOP8L
ENABLE
3
4
2
1
VS
GND
XTAL
CLK
PA_ENABLE
8
7
6
5
ANT2
ANT1
Table 2-1.
Pin Description
Pin
Symbol
Function
Configuration
1CLK
Clock output signal for micro con roller
The clock output frequency is set by the
crystal to f
XTAL/4
2
PA_ENABLE
Switches on power amplifier, used for
ASK modulation
3
4
ANT2
ANT1
Emitter of antenna output stage
Open collector antenna output
100
Ω
100
Ω
CLK
VS
50 k
Ω
20 µA
UREF = 1.1V
PA_ENABLE
ANT1
ANT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com