Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSK Datasheet(PDF) 4 Page - ATMEL Corporation

Part # FSK
Description  Transmitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

FSK Datasheet(HTML) 4 Page - ATMEL Corporation

  FSK Datasheet HTML 1Page - ATMEL Corporation FSK Datasheet HTML 2Page - ATMEL Corporation FSK Datasheet HTML 3Page - ATMEL Corporation FSK Datasheet HTML 4Page - ATMEL Corporation FSK Datasheet HTML 5Page - ATMEL Corporation FSK Datasheet HTML 6Page - ATMEL Corporation FSK Datasheet HTML 7Page - ATMEL Corporation FSK Datasheet HTML 8Page - ATMEL Corporation FSK Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
4546F–RKE–12/08
T5750
3.
General Description
This fully integrated PLL transmitter allows particularly simple, low-cost RF miniature transmit-
ters to be assembled. The VCO is locked to 64
× f
XTAL hence a 13.5672 MHz crystal is needed
for a 868.3 MHz transmitter and a 14.2969 MHz crystal for a 915 MHz transmitter. All other PLL
and VCO peripheral elements are integrated.
The XTO is a series resonance oscillator so that only one capacitor together with a crystal con-
nected in series to GND are needed as external elements.
The crystal oscillator together with the PLL needs typically < 1 ms until the PLL is locked and the
CLK output is stable. There is a wait time of
≥ 4 ms must be used until the CLK is used for the
microcontroller and the PA is switched on.
The power amplifier is an open-collector output delivering a current pulse which is nearly inde-
pendent from the load impedance. The delivered output power is hence controllable via the
connected load impedance.
This output configuration enables a simple matching to any kind of antenna or to 50
Ω. A high
power efficiency of
η=P
out/(IS,PA × VS) of 24% for the power amplifier at 868.3 MHz results when
an optimized load impedance of Z
Load = (166 + j226)Ω is used at 3V supply voltage.
4.
Functional Description
If ENABLE = L and the PA_ENABLE = L, the circuit is in standby mode consuming only a very
small amount of current, so that a lithium cell used as power supply can work for several years.
With ENABLE = H the XTO, PLL and the CLK driver are switched on. If PA_ENABLE remains L
only the PLL and the XTO is running and the CLK signal is delivered to the microcontroller. The
VCO locks to 64 times the XTO frequency.
With ENABLE = H and PA_ENABLE = H the PLL, XTO, CLK driver and the power amplifier are
on. With PA_ENABLE the power amplifier can be switched on and off, which is used to perform
the ASK modulation.
4.1
ASK Transmission
The T5750 is activated by ENABLE = H. PA_ENABLE must remain L for t
≥ 4 ms, then the CLK
signal can be taken to clock the microcontroller and the output power can be modulated by
means of pin PA_ENABLE. After transmission PA_ENABLE is switched to L and the microcon-
troller switches back to internal clocking. The T5750 is switched back to standby mode with
ENABLE = L.
4.2
FSK Transmission
The T5750 is activated by ENABLE = H. PA_ENABLE must remain L for t
≥ 4 ms, then the CLK
signal can be taken to clock the microcontroller and the power amplifier is switched on with
PA_ENABLE = H. The chip is then ready for FSK modulation. The microcontroller starts to
switch on and off the capacitor between the XTAL load capacitor and GND with an open-drain
output port, thus changing the reference frequency of the PLL. If the switch is closed, the output
frequency is lower than if the switch is open. After transmission PA_ENABLE is switched to L
and the microcontroller switches back to internal clocking. The T5750 is switched back to
standby mode with ENABLE = L.
The accuracy of the frequency deviation with XTAL pulling method is about ±25% when the fol-
lowing tolerances are considered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com