Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L152C4U6 Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM8L152C4U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152C4U6 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM8L152C4U6 Datasheet HTML 97Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 98Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 99Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 100Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 101Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 102Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 103Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 104Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 122 page
background image
STM8L151xx, STM8L152xx
Electrical parameters
Doc ID 15962 Rev 5
101/122
Data based on characterization results, not tested in production.
tWAKEUP
Wakeup time from OFF state.
Input code between lowest and
highest possible codes.
RL ≥5kΩ, CL≤50 pF
915
µs
PSRR+
Power supply rejection ratio (to
VDDA) (static DC measurement
)
RL≥ 5kΩ, CL≤50 pF
-60
-35
dB
1.
Includes supply current on VDDA and VREF+
2.
Resistive load between DACOUT and GNDA
3.
Output on PF0 (48-pin package only)
4.
Capacitive load at DACOUT pin
5.
It gives the output excursion of the DAC
Table 48.
DAC characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 49.
DAC accuracy
Symbol
Parameter
Conditions
Typ
Max
Unit
DNL
Differential non linearity(1)
RL ≥5kΩ, CL≤50 pF
DACOUT buffer ON(2)
1.5
3
12-bit
LSB
No load
DACOUT buffer OFF
1.5
3
INL
Integral non linearity(3)
RL ≥5kΩ, CL≤ 50 pF
DACOUT buffer ON(2)
24
No load
DACOUT buffer OFF
24
Offset
Offset error(4)
RL ≥5kΩ, CL≤ 50 pF
DACOUT buffer ON(2)
±10
±25
No load
DACOUT buffer OFF
±5
±8
Offset1
Offset error at Code 1 (5)
DACOUT buffer OFF
±1.5
±5
Gain error
Gain error
RL ≥5kΩ, CL≤ 50 pF
DACOUT buffer ON(2)
±0.2
±0.5
%
No load
DACOUT buffer OFF
±0.3
±0.5
TUE
Total unadjusted error
RL ≥5kΩ, CL≤ 50 pF
DACOUT buffer ON(2)
12
30
12-bit
LSB
No load
DACOUT buffer OFF
812
1.
Difference between two consecutive codes - 1 LSB.
2.
For 48-pin packages only. For 28-pin and 32-pin packages, DAC output buffer must be kept off and no load must be
applied.
3.
Difference between measured value at Code i and the value at Code i on a line drawn between Code 0 and last Code 1023.
4.
Difference between measured value and ideal value = VREF/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com