Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L152C4U6 Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM8L152C4U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152C4U6 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM8L152C4U6 Datasheet HTML 98Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 99Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 100Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 101Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 102Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 103Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 104Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 105Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 122 page
background image
Electrical parameters
STM8L151xx, STM8L152xx
102/122
Doc ID 15962 Rev 5
12-bit ADC1 characteristics
5.
Difference between measured value and ideal value Code 1.
Table 50.
DAC output on PB4-PB5-PB6(1)
1.
32 or 28-pin packages only. The DAC channel can be routed either on PB4, PB5 or PB6 using the routing
interface I/O switch registers.
Symbol
Parameter
Conditions
Max
Unit
Rint
Internal resistance
between DAC output and
PB4-PB5-PB6 output
2.7 V < VDD < 3.6 V
1.4
k
Ω
2.4 V < VDD < 3.6 V
1.6
2.0 V < VDD < 3.6 V
3.2
1.8 V < VDD < 3.6 V
8.2
Table 51.
ADC1 characteristics
Symbol
Parameter (1)
Conditions
Min (1)
Typ(1)
Max(1)
Unit
VDDA
Analog supply voltage
1.8
3.6
V
VREF+
Reference supply
voltage
2.4 V
≤VDDA≤ 3.6 V
2.4
VDDA
V
1.8 V
≤VDDA≤ 2.4 V
VDDA
V
VREF-
Lower reference voltage
VSSA
V
IVDDA
Current on the VDDA
input pin
1000
1450
µA
IVREF+
Current on the VREF+
input pin
400
700
(peak)(2)
µA
450
(average)(2)
µA
VAIN
Conversion voltage
range
0(3)
VREF+
TA
Temperature range
-40
125
°C
RAIN
External resistance on
VAIN
on PF0 fast channel
50(4)
k
Ω
on all other channels
CADC
Internal sample and
hold capacitor
on PF0 fast channel
16
pF
on all other channels
fADC
ADC sampling clock
frequency
2.4 V
≤VDDA≤3.6 V
without zooming
0.320
16
MHz
1.8 V
≤VDDA≤2.4 V
with zooming
0.320
8
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com