Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTD2002F Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # MTD2002F
Description  Constant Current Control Function (Fixed Frequency PWM Control)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MTD2002F Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  MTD2002F Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MTD2002F Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd MTD2002F Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd MTD2002F Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.shindengen.co.jp/product/semi/
U170-1
Electrical Characteristics
Ta=25
,VCC=5V
Ta=25
,VCC=5V unless otherwise specified
Floating is possible (built-in pull-up resistance)
Parameter
Symbol
Condition
min.
typ.
max.
Unit
Output stage
Vmm
2
OFF
Load Supply Current 2 Circuit OFF
Imm (OFF)
Vmm=12V, VIN=all 0V or all 5V
-
2.0
4.4
mA
Vmm
Load Supply Current STB
Imm (STB)
Vmm=35V, VSTB=0V
-
-
10
A
Output Saturation Voltage Upper side
VCE (SAT) HIC=0.8A
-
1.2
1.4
V
Output Saturation Voltage Lower side
VCE (SAT) LIC=0.8A
-
0.8
1.4
V
Output Leakage Current Upper side
IrH
Vmm=35V, VOUT=0V
-
-
10
A
Output Leakage Current Lower side
IrL
VOUT=35V, VRs=0V
-
-
10
A
Diode Forward Drop Upper side
VFHIf=0.8A
-
1.4
1.6
V
Diode Forward Drop Lower side
VFLIf=0.8A
-
1.3
1.5
V
Logic stage
VCC
2
ON
Logic Supply Current 2 Circuit ON
ICC (ON)
-50
62
mA
VCC
2
OFF
Logic Supply Current 2 Circuit OFF
ICC (OFF)
VIN=all 0V or all 5V
-
15
20
mA
VCC
Logic Supply Current STB
ICC (STB)
VSTB=0V
-
9
13
mA
IN
H
IN
H
Input Voltage
VINH2.3
-
VCC
V
IN
L
IN
L
Input Voltage
VINLGND
-
0.6
V
IN
H
IN
H
Input Current
IINHVIN=3.3 or 5V
-
-
10
A
IN
L
IN
L
Input Current
IINLVIN=0V
-
-3
-20
A
I0, I1
H
I0, I1
H
Input Voltage
VI0/I1H2.3
-
VCC
V
I0, I1
L
I0, I1
L
Input Voltage
VI0/I1LGND
-
0.6
V
I0, I1
H
I0, I1
H
Input Current
II0/I1HVI0/I1=3.3 or 5V
-
-
10
A
I0, I1
L
I0, I1
L
Input Current
II0/I1LVI0/I1=0V
-
-75
-100
A
STB
H
STB
H
Input Voltage
VSTBH2.3
-
VCC
V
STB
L
STB
L
Input Voltage
VSTBLGND
-
0.6
V
STB
H
STB
H
Input Current
ISTBHVSTB=3.3 or 5V
-
-
10
A
STB
L
STB
L
Input Current
ISTBLVSTB=0V
-
-300
-500
A
Vref
Vref Input Current
Iref
Vr=5V
-
500
650
A
Vs
Vs Input Current
Is
Vs=0V
-
-1
-10
A
Comp
100
Comparator Threshold 100%
Vs1
Vr=5V, VI0=0V, VI1=0V
0.475
0.5
0.525
V
Comp
70
Comparator Threshold 70%
Vs2
Vr=5V, VI0=5V, VI1=0V
0.322
0.35
0.378
V
Comp
33
Comparator Threshold 33%
Vs3
Vr=5V, VI0=0V, VI1=5V
0.153
0.17
0.187
V
Stand-by Recover Delay Time
td (STB)
-
-
500
s
Chopping Frequency
fchop
Ct=3300pF, Rt=18k
-23
-
kHz
Blanking Time
tb
Ct=3300pF
-
1.55
-
s
Vs
Vs maximum Voltage
Vs (max)
--
1.5
V
Thermal Shutdown Temperature
TTSD
-
150
-



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com