Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTD2002F Datasheet(PDF) 4 Page - Shindengen Electric Mfg.Co.Ltd

Part # MTD2002F
Description  Constant Current Control Function (Fixed Frequency PWM Control)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MTD2002F Datasheet(HTML) 4 Page - Shindengen Electric Mfg.Co.Ltd

  MTD2002F Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MTD2002F Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd MTD2002F Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd MTD2002F Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.shindengen.co.jp/product/semi/
U170-1
Truth Table
¾
Pin Assignment
Top View MTD2002F
IN 1 or 4
IN 2 or 3
OUT 1 or 4
OUT 2 or 3
LL
OFF
OFF
LHLH
HLH
L
HH
OFF
OFF
I0
I1
Output current
level
Vref V
at Vr=5V
L
L
100
0.5
r 5
HL
70
0.35
r 8
LH
33
0.17
r 10
HH
0
-
STB
Mode
LStand-by
H or Open
Active
Package
HSOP28



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com