Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTD2002F Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # MTD2002F
Description  Constant Current Control Function (Fixed Frequency PWM Control)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MTD2002F Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  MTD2002F Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MTD2002F Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd MTD2002F Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd MTD2002F Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.shindengen.co.jp/product/semi/
U170-1
Features
Absolute Maximum Ratings
Ta=25
Ta=25
unless otherwise specified
Constant Current Control Function (Fixed Frequency PWM Control)
4
4-Phase Input
2 bit
2-bit Digital Current Selection
Noise Cancellation Function
Cross Conduction Protection
Thermal Shutdown Function
Stand-by Function
Built-in Flywheel and Flyback Diodes
Parameter
Symbol
Rating
Unit
Logic Supply Voltage
VCC
0
6
V
Logic Input Voltage
VLOGIC
0
VCC
V
Load Supply Voltage
Vmm
35
V
Output Current
IC
0.8
A
Flywheel Diode Current
If
0.8
A
Power Dissipation
PD
3W
Storage Temperature
Tstg
-40
150
Junction Temperature
Tj
150


Similar Part No. - MTD2002F

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MTD2002F SHINDENGEN-MTD2002F_17 Datasheet
261Kb / 6P
Constant Current Control Function (Fixed Frequency PWM Control)
More results

Similar Description - MTD2002F

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MTD2003F SHINDENGEN-MTD2003F_10 Datasheet
236Kb / 4P
Constant Current Control Function (Fixed Frequency PWM Control)
MTD2005 SHINDENGEN-MTD2005_10 Datasheet
226Kb / 4P
Constant Current Control Function (Fixed Frequency PWM Control)
MTD2005F SHINDENGEN-MTD2005F_10 Datasheet
252Kb / 4P
Constant Current Control Function (Fixed Frequency PWM Control)
MTD2006F SHINDENGEN-MTD2006F_10 Datasheet
257Kb / 4P
Constant Current Control Function (Fixed Frequency PWM Control)
MTD2007F SHINDENGEN-MTD2007F Datasheet
331Kb / 4P
Constant Current Control Function (Fixed Frequency PWM Control)
MTD2002F SHINDENGEN-MTD2002F_17 Datasheet
261Kb / 6P
Constant Current Control Function (Fixed Frequency PWM Control)
MTD2003B SHINDENGEN-MTD2003B_17 Datasheet
57Kb / 5P
Constant Current Control Function (Fixed Frequency PWM Control)
MTD2005 SHINDENGEN-MTD2005_17 Datasheet
246Kb / 6P
Constant Current Control Function (Fixed Frequency PWM Control)
MTD2005F SHINDENGEN-MTD2005F_17 Datasheet
272Kb / 6P
Constant Current Control Function (Fixed Frequency PWM Control)
MTD2007F SHINDENGEN-MTD2007F_17 Datasheet
352Kb / 6P
Constant Current Control Function (Fixed Frequency PWM Control)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com