Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5021 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATA5021
Description  Low Current Consumption: IVDD < 25 關A
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5021 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATA5021 Datasheet HTML 1Page - ATMEL Corporation ATA5021 Datasheet HTML 2Page - ATMEL Corporation ATA5021 Datasheet HTML 3Page - ATMEL Corporation ATA5021 Datasheet HTML 4Page - ATMEL Corporation ATA5021 Datasheet HTML 5Page - ATMEL Corporation ATA5021 Datasheet HTML 6Page - ATMEL Corporation ATA5021 Datasheet HTML 7Page - ATMEL Corporation ATA5021 Datasheet HTML 8Page - ATMEL Corporation ATA5021 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
9145D–AUTO–05/10
ATA5021
Figure 1-1.
Block Diagram with External Circuit
Input signal
conditioning
OSC
POR
3
2
Power-on
reset
5
Mode
Trigger
RC
oscillator
State machine
POR
OSC
Reset
Micro-
controller
Test logic
1
Wake-up
External
switching
circuitry
4
7
Enable
GND
8
6
C
10 nF
R1
V
DD
OSC
C1
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com