Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5021 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATA5021
Description  Low Current Consumption: IVDD < 25 關A
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5021 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATA5021 Datasheet HTML 1Page - ATMEL Corporation ATA5021 Datasheet HTML 2Page - ATMEL Corporation ATA5021 Datasheet HTML 3Page - ATMEL Corporation ATA5021 Datasheet HTML 4Page - ATMEL Corporation ATA5021 Datasheet HTML 5Page - ATMEL Corporation ATA5021 Datasheet HTML 6Page - ATMEL Corporation ATA5021 Datasheet HTML 7Page - ATMEL Corporation ATA5021 Datasheet HTML 8Page - ATMEL Corporation ATA5021 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
9145D–AUTO–05/10
ATA5021
3.
Functional Description
3.1
Supply Voltage, Pin 6
The ATA5021 requires a stabilized supply voltage V
DD = 5V ±10% to comply with its electrical
characteristics. An external buffer capacitor of C = 10 nF may be connected between pin 6 and
GND.
3.2
RC Oscillator, Pin 8
The clock frequency, f, can be adjusted by the components R
1 and C1 according to the formula:
with
T = 0.18
× (C
1 + Cboard + 0.016) + 0.35 + [1.59 – (C1 + Cboard + 0.016)/85] × R1 ×
(C
1 + Cboard + 0.016)
R
1 (kΩ) = external resistor at pin 8
C
1 (nF) = external capacitor at pin 8
C
board = 0.004 nF; this is the parasitic test board capacity caused by additional wiring on the test
assembly. With frequency calculations of original boards, this parasitic capacitor can be omitted.
Table 3-1.
Comparison Table Clock Period Calculation versus Measurement on Test Board
R1 (k
Ω)C1 (nF)
Period “T” (µs) by
New Formula
Period “T” (µs) by
Measurement
Deviation of New
Formula versus
Measurement
10.00
0.23
4.36
4.33
–0.3%
10.00
0.47
8.20
8.30
1.8%
10.00
1.04
17.26
17.10
1.4%
10.00
4.75
74.40
74.50
1.5%
10.00
10.49
156.30
152.00
–2.2%
32.91
0.23
13.45
13.25
–0.4%
32.91
0.47
25.99
26.13
1.9%
32.91
1.04
55.57
55.00
1.2%
32.91
4.75
242.10
241.50
1.2%
32.91
10.49
509.25
505.00
1.6%
46.70
0.23
18.92
18.50
–1.2%
46.70
0.47
36.69
36.63
0.8%
46.70
1.04
78.63
78.25
1.7%
46.70
4.75
343.03
341.25
0.6%
46.70
10.49
721.70
700.00
–1.6%
68.00
0.23
27.38
26.75
–1.4%
68.00
0.47
53.22
53.25
1.4%
68.00
1.04
114.25
112.50
1.5%
68.00
4.75
498.94
497.50
1.2%
68.00
10.49
1049.85
1020.00
0.0%
81.20
0.23
32.61
31.88
–1.1%
f
1
T
---
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com