Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5021 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATA5021
Description  Low Current Consumption: IVDD < 25 關A
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5021 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATA5021 Datasheet HTML 2Page - ATMEL Corporation ATA5021 Datasheet HTML 3Page - ATMEL Corporation ATA5021 Datasheet HTML 4Page - ATMEL Corporation ATA5021 Datasheet HTML 5Page - ATMEL Corporation ATA5021 Datasheet HTML 6Page - ATMEL Corporation ATA5021 Datasheet HTML 7Page - ATMEL Corporation ATA5021 Datasheet HTML 8Page - ATMEL Corporation ATA5021 Datasheet HTML 9Page - ATMEL Corporation ATA5021 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
9145D–AUTO–05/10
ATA5021
3.5
Microcontroller in Active Mode
3.5.1
Monitoring with the “Short” Trigger Window
After the switch-over mode, the watchdog operates in short watchdog mode and expects a trig-
ger pulse from the microcontroller within the defined time window, t
3, (enable time). The
watchdog generates a reset pulse which resets the microcontroller if:
• the trigger pulse duration is too long
• the trigger pulse is within the disable time, t
2
• there is no trigger pulse
Figure 3-2 shows the pulse diagram with a missing trigger pulse.
Figure 3-2.
Pulse Diagram with no Trigger Pulse during the Short Watchdog Time
Figure 3-3 shows a correct trigger sequence. The positive edge of the trigger signal starts a new
monitoring cycle with the disable time, t
2. To ensure correct operation of the microcontroller, the
watchdog needs to be triggered three times correctly before it sets its enable output. This fea-
ture is used to activate or deactivate safety-critical components, which have to be switched to a
certain condition (emergency status) in the case of a microcontroller malfunction. As soon as
there is an incorrect trigger sequence, the enable signal is reset and it takes a sequence of three
correct triggers before enable is active. For proper operation, the trigger pulse duration must be
longer than the input signal debounce time (see item 4.2 in Section 7. “Electrical Characteristics”
on page 9) and must not exceed the maximum duration of 45 clock cycles (see item 4.4 in Sec-
tion 7. “Electrical Characteristics” on page 9).
Figure 3-3.
Pulse Diagram of a Correct Trigger Sequence during the Short Watchdog Time
VDD
Reset out
Mode
Trigger
Pin 2
Pin 3
Pin 5
Pin 6
t0
t1
t2
t3
VDD
Reset out
Mode
Trigger
Enable
Pin 4
Pin 2
Pin 3
Pin 5
Pin 6
ttrig
t0
t1
t2
t3
t2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com