Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDS560-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PDS560-13
Description  5A SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS560-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  PDS560-13 Datasheet HTML 1Page - Diodes Incorporated PDS560-13 Datasheet HTML 2Page - Diodes Incorporated PDS560-13 Datasheet HTML 3Page - Diodes Incorporated PDS560-13 Datasheet HTML 4Page - Diodes Incorporated PDS560-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PDS560
Document number: DS30480 Rev. 13 - 2
1 of 5
www.diodes.com
December 2010
© Diodes Incorporated
PDS560
PowerDI is a registered trademark of Diodes Incorporated.
5A SCHOTTKY BARRIER RECTIFIER
PowerDI
®5
Features
•
Guard Ring Die Construction for Transient Protection
•
High Surge Current Capability
•
Low Leakage Current
•
Low Power Loss, High Efficiency
•
For Use in High Frequency Inverters, Free Wheeling, and
Polarity Protection Applications
•
High Forward Surge Current Capability
•
Lead Free Finish, RoHS Compliant (Note 1)
•
"Green" Molding Compound (No Br, Sb)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: PowerDI
®5
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish – Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
•
Polarity: See Diagram
•
Weight: 0.094 grams (approximate)
Ordering Information (Note 2)
Part Number
Case
Packaging
PDS560-13
PowerDI
®5
5000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes.
2. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Top View
Bottom View
LEFT PIN
RIGHT PIN
Note: Pins Left & Right must
be electrically connected
at the printed circuit board.
BOTTOMSIDE
HEAT SINK
S560 = Product type marking code
= Manufacturers’ code marking
YYWW = Date code marking
YY = Last two digits of year (ex: 05 for 2005)
WW = Week code (01 – 53)
K = Factory Designator
YYWWK
S560


Similar Part No. - PDS560-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS560-13 DIODES-PDS560-13 Datasheet
83Kb / 3P
5A SCHOTTKY BARRIER RECTIFIER
DS30480 Rev. 13 - 2
PDS560-13 DIODES-PDS560-13 Datasheet
502Kb / 5P
5A SCHOTTKY BARRIER RECTIFIER
Rev 16
More results

Similar Description - PDS560-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS540 DIODES-PDS540 Datasheet
90Kb / 3P
5A SCHOTTKY BARRIER RECTIFIER PowerDI 5
DS30482 Rev. 6 - 2
PDS560 DIODES-PDS560 Datasheet
83Kb / 3P
5A SCHOTTKY BARRIER RECTIFIER
DS30480 Rev. 13 - 2
MBRM560 DIODES-MBRM560_1 Datasheet
84Kb / 4P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30299 Rev. 5 - 2
SBM540 DIODES-SBM540_2 Datasheet
118Kb / 4P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 7 - 2
PDS540-13 DIODES-PDS540-13_10 Datasheet
106Kb / 5P
5A SCHOTTKY BARRIER RECTIFIER
DS30482 Rev. 11 - 2
PDS540Q DIODES-PDS540Q_15 Datasheet
223Kb / 5P
5A SCHOTTKY BARRIER RECTIFIER POWERDI짰
Rev 1
PDS560 DIODES-PDS560_15 Datasheet
502Kb / 5P
5A SCHOTTKY BARRIER RECTIFIER
Rev 16
PDS540 DIODES-PDS540_15 Datasheet
436Kb / 5P
5A SCHOTTKY BARRIER RECTIFIER POWERDI짰
Rev 14
logo
First Silicon Co., Ltd
SS52A FS-SS52A Datasheet
417Kb / 2P
5A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
PDS540Q DIODES-PDS540Q Datasheet
412Kb / 6P
5A SCHOTTKY BARRIER RECTIFIER
Rev. 2 - 2 December 2017
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com