Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDS560-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PDS560-13
Description  5A SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS560-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  PDS560-13 Datasheet HTML 1Page - Diodes Incorporated PDS560-13 Datasheet HTML 2Page - Diodes Incorporated PDS560-13 Datasheet HTML 3Page - Diodes Incorporated PDS560-13 Datasheet HTML 4Page - Diodes Incorporated PDS560-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PDS560
Document number: DS30480 Rev. 13 - 2
3 of 5
www.diodes.com
December 2010
© Diodes Incorporated
PDS560
PowerDI is a registered trademark of Diodes Incorporated.
0
1
2
3
4
0
1
3
2
45
6
7
8
9
10
I
, AVERAGE FORWARD CURRENT (A)
Fig. 1 Forward Power Dissipation
F(AV)
0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
10
1
100m
1m
10m
100
100µ
10µ
020
40
60
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics
R
10
30
50
1n
10n
100n
1m
10m
10
100
1,000
05
10
20
15
30
25
V , DC REVERSE VOLTAGE (V)
Fig. 4 Total Capacitance vs. Reverse Voltage
R
0
1.5
3.0
4.5
7.5
6.0
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 5 Forward Current Derating Curve
A
0
40
200
160
120
80
0
15
30
45
60
V , DC REVERSE VOLTAGE (V)
Fig. 6 Operating Temperature Derating
R



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com