Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDS560-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PDS560-13
Description  5A SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS560-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  PDS560-13 Datasheet HTML 1Page - Diodes Incorporated PDS560-13 Datasheet HTML 2Page - Diodes Incorporated PDS560-13 Datasheet HTML 3Page - Diodes Incorporated PDS560-13 Datasheet HTML 4Page - Diodes Incorporated PDS560-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PDS560
Document number: DS30480 Rev. 13 - 2
4 of 5
www.diodes.com
December 2010
© Diodes Incorporated
PDS560
PowerDI is a registered trademark of Diodes Incorporated.
Package Outline Dimensions
Suggested Pad Layout
PowerDI
®5
Dim
Min
Max
A
1.05
1.15
A2
0.33
0.43
b1
0.80
0.99
b2
1.70
1.88
D
3.90
4.05
D2
3.054 Typ
E
6.40
6.60
e
1.84 Typ
E1
5.30
5.45
E2
3.549 Typ
L
0.75
0.95
L1
0.50
0.65
W
1.10
1.41
All Dimensions in mm
Dimensions
Value (in mm)
C
1.840
G
0.852
X
3.360
X1
1.390
Y
4.860
Y1
1.400
E
E1
b1
A
A2
A2
D
b2
b1
e
D2
L
E2
L1
W
G
X
C
Y1
(2x)
Y
X1
(2x)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com