Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDTC123JLP Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DDTC123JLP
Description  PRE-BIASED SMALL SIGNAL SURFACE MOUNT 100mA NPN TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTC123JLP Datasheet(HTML) 6 Page - Diodes Incorporated

  DDTC123JLP_09 Datasheet HTML 1Page - Diodes Incorporated DDTC123JLP_09 Datasheet HTML 2Page - Diodes Incorporated DDTC123JLP_09 Datasheet HTML 3Page - Diodes Incorporated DDTC123JLP_09 Datasheet HTML 4Page - Diodes Incorporated DDTC123JLP_09 Datasheet HTML 5Page - Diodes Incorporated DDTC123JLP_09 Datasheet HTML 6Page - Diodes Incorporated DDTC123JLP_09 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DDTCxxxxLP (R1
≠R2 Series)
Document number: DS30755 Rev. 7 - 2
6 of 7
www.diodes.com
March 2009
© Diodes Incorporated
DDTCxxxxLP (R1
≠R2 Series)
Ordering Information (Note 5)
Part Number
Case
Packaging
DDTC123JLP-7
DFN1006-3
3000/Tape & Reel
DDTC143ZLP-7
DFN1006-3
3000/Tape & Reel
DDTC114YLP-7
DFN1006-3
3000/Tape & Reel
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Package Outline Dimensions
Suggested Pad Layout
DFN1006-3
Dim
Min
Max
Typ
A
0.47
0.53
0.50
A1
0
0.05
0.03
b1
0.10
0.20
0.15
b2
0.45
0.55
0.50
D
0.95
1.075
1.00
E
0.55
0.675
0.60
e
⎯
⎯
0.35
L1
0.20
0.30
0.25
L2
0.20
0.30
0.25
L3
⎯
⎯
0.40
All Dimensions in mm
Dimensions
Value (in mm)
Z
1.1
G1
0.3
G2
0.2
X
0.7
X1
0.25
Y
0.4
C
0.7
Nx = Product Type Marking Code:
DDTC123JLP = N0
DDTC143ZLP = N1
DDTC114YLP = N2
Dot Denotes Collector, Pin 3
Nx
L2
A1
E
b2
L1
L3
D
e
b1
A
Y
C
G1
G2
X
X
1
Z



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com