Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDTC123JLP Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DDTC123JLP
Description  PRE-BIASED SMALL SIGNAL SURFACE MOUNT 100mA NPN TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTC123JLP Datasheet(HTML) 4 Page - Diodes Incorporated

  DDTC123JLP_09 Datasheet HTML 1Page - Diodes Incorporated DDTC123JLP_09 Datasheet HTML 2Page - Diodes Incorporated DDTC123JLP_09 Datasheet HTML 3Page - Diodes Incorporated DDTC123JLP_09 Datasheet HTML 4Page - Diodes Incorporated DDTC123JLP_09 Datasheet HTML 5Page - Diodes Incorporated DDTC123JLP_09 Datasheet HTML 6Page - Diodes Incorporated DDTC123JLP_09 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DDTCxxxxLP (R1
≠R2 Series)
Document number: DS30755 Rev. 7 - 2
4 of 7
www.diodes.com
March 2009
© Diodes Incorporated
DDTCxxxxLP (R1
≠R2 Series)
Characteristics Curves of DDTC143ZLP
@TA = 25°C unless otherwise specified
0
50
100
150
200
250
300
350
0.1
1
10
100
1,000
V
= 5V
CE
I , COLLECTOR CURRENT (mA)
Fig. 8 Typical DC Current Gain vs. Collector Current
C
T = 150 C
A
°
T = 85 C
A
°
T = -55 C
A
°
T = 25 C
A
°
0.01
0.1
1
10
100
0.1
1
10
100
1,000
I/I = 10
CB
I , COLLECTOR CURRENT (mA)
Fig. 9 Typical Collector Emitter Saturation Voltage
vs. Collector Current
C
T = 150 C
A
°
T = 85 C
A
°
T = -55 C
A
°
T = 25 C
A
°
0
0.01
0.02
0.03
0.04
0.05
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V
, COLLECTOR EMITTER VOLTAGE (V)
Fig. 10 Typical Collector Current vs. Collector Emitter Voltage
CE
0
3
6
9
12
15
0.1
1
10
100
I , OUTPUT CURRENT (mA)
Fig. 11 Typical Input Voltage vs. Output Current
C
T = 25 C
A
°
T = -55 C
A
°
T = 85 C
A
°
T = 150 C
A
°
0
1
2
3
4
5
6
7
8
9
10
0.1
1
10
100
V
= 5V
CE
I , COLLECTOR CURRENT (mA)
Fig. 12 Typical Base Emitter Voltage vs. Collector Current
C
T = 25 C
A
°
T = -55 C
A
°
T = 85 C
A
°
T = 150 C
A
°
0
3
6
9
12
15
18
21
24
27
30
0.1110
100
I/I = 10
CB
I , COLLECTOR CURRENT (mA)
Fig. 13 Typical Base Emitter Saturation Voltage
vs. Collector Current
C
T = 25 C
A
°
T = -55 C
A
°
T = 85 C
A
°
T = 150 C
A
°



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com