Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDTC123JLP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDTC123JLP
Description  PRE-BIASED SMALL SIGNAL SURFACE MOUNT 100mA NPN TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTC123JLP Datasheet(HTML) 1 Page - Diodes Incorporated

  DDTC123JLP_09 Datasheet HTML 1Page - Diodes Incorporated DDTC123JLP_09 Datasheet HTML 2Page - Diodes Incorporated DDTC123JLP_09 Datasheet HTML 3Page - Diodes Incorporated DDTC123JLP_09 Datasheet HTML 4Page - Diodes Incorporated DDTC123JLP_09 Datasheet HTML 5Page - Diodes Incorporated DDTC123JLP_09 Datasheet HTML 6Page - Diodes Incorporated DDTC123JLP_09 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DDTCxxxxLP (R1
≠R2 Series)
Document number: DS30755 Rev. 7 - 2
1 of 7
www.diodes.com
March 2009
© Diodes Incorporated
DDTCxxxxLP (R1
≠R2 Series)
PRE-BIASED SMALL SIGNAL SURFACE MOUNT 100mA NPN TRANSISTOR
Features
•
Epitaxial Planar Die Construction
•
Ultra-Small Leadless Surface Mount Package
•
Ideally Suited for Automated Assembly Processes
•
Lead Free By Design/RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Part Number
R1 (NOM)
R2 (NOM)
DDTC123JLP
2.2K
47K
DDTC143ZLP
4.7K
47K
DDTC114YLP
10K
47K
Mechanical Data
•
Case: DFN1006-3
•
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminal Connections: Collector Dot (See Diagram and
Marking Information)
•
Terminals: Finish
⎯ NiPdAu over Copper leadframe.
Solderable per MIL-STD-202, Method 208
•
Marking Information: See Page 6
•
Ordering Information: See Page 6
•
Weight: 0.0009 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
P/N
Symbol
Value
Unit
Supply Voltage
VCC
50
V
Input Voltage
DDTC123JLP
VIN
-5 to +12
V
DDTC143ZLP
-5 to +30
DDTC114YLP
-5 to +40
Output Voltage
DDTC123JLP
IO
100
mA
DDTC143ZLP
100
DDTC114YLP
70
Maximum Collector Current
IC(MAX)
100
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 3)
PD
250
mW
Power Deration above 25
°C
Pder
2
mW/
°C
Thermal Resistance, Junction to Ambient Air (Note 3)
(Equivalent to one heated junction of NPN)
RθJA
500
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
1.
No purposefully added lead.
2.
Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3.
Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which
can be found on page 6 or our website at http://www.diodes.com/datasheets/ap02001.pdf.
Bottom View
Device Schematics
Package Pin Out
Configuration
1
B
C
E
2
3
IN
R
1
R
2
OUT
GND
IN
B
1
2
3
C
E
GND
OUT
C
1
2
3
R
1
R
2
E
B
Please click here to visit our online spice models database.


Similar Part No. - DDTC123JLP_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC123JLP-7 DIODES-DDTC123JLP-7 Datasheet
550Kb / 8P
NPN PRE-BIASED (R1≠R2) SMALL SIGNAL IN DFN1006
Rev. 8 - 2 January 2016
DDTC123JLP-7-F DIODES-DDTC123JLP-7-F Datasheet
263Kb / 7P
PRE-BIASED SMALL SIGNAL SURFACE MOUNT 100mA NPN TRANSISTOR
DS30755 Rev. 4 - 2
DDTC123JLP-7B DIODES-DDTC123JLP-7B Datasheet
550Kb / 8P
NPN PRE-BIASED (R1≠R2) SMALL SIGNAL IN DFN1006
Rev. 8 - 2 January 2016
More results

Similar Description - DDTC123JLP_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC123JLP DIODES-DDTC123JLP Datasheet
263Kb / 7P
PRE-BIASED SMALL SIGNAL SURFACE MOUNT 100mA NPN TRANSISTOR
DS30755 Rev. 4 - 2
DDTC113TE DIODES-DDTC113TE_2 Datasheet
177Kb / 4P
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 6 - 2
DDTC113TUA DIODES-DDTC113TUA_2 Datasheet
130Kb / 3P
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 7 - 2
DDTC114ELP DIODES-DDTC114ELP_1 Datasheet
173Kb / 5P
PRE-BIASED (R1 = R2) SMALL SIGNAL SURFACE MOUNT 100mA NPN TRANSISTOR
DS30945 Rev. 6 - 2
DDTC144ELP DIODES-DDTC144ELP Datasheet
192Kb / 3P
PRE-BIASED (R1=R2) SMALL SIGNAL SURFACE MOUNT 100mA NPN TRANSISTOR
DS31245 Rev. 2 - 2
ADTC114ECAQ DIODES-ADTC114ECAQ Datasheet
336Kb / 7P
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 September 2017
ADTC114YUAQ DIODES-ADTC114YUAQ Datasheet
457Kb / 7P
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 October 2017
ADTC143TCAQ DIODES-ADTC143TCAQ Datasheet
275Kb / 7P
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 2 - 2 September 2017
ADTC143TUAQ DIODES-ADTC143TUAQ Datasheet
371Kb / 7P
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 September 2016
ADTC143ZUAQ DIODES-ADTC143ZUAQ Datasheet
381Kb / 7P
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 2 - 2 September 2017
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com