Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN5 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMN5
Description  DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN5 Datasheet(HTML) 5 Page - Diodes Incorporated

  DMN5 Datasheet HTML 1Page - Diodes Incorporated DMN5 Datasheet HTML 2Page - Diodes Incorporated DMN5 Datasheet HTML 3Page - Diodes Incorporated DMN5 Datasheet HTML 4Page - Diodes Incorporated DMN5 Datasheet HTML 5Page - Diodes Incorporated DMN5 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DMN5/L06VK/L06VAK/010VAK
Document number: DS30769 Rev. 8 - 2
5 of 6
www.diodes.com
January 2010
© Diodes Incorporated
DMN5/L06VK/L06VAK/010VAK
Ordering Information (Note 5)
Part Number
Case
Packaging
DMN5L06VK-7
SOT-563
3000/Tape & Reel
DMN5L06VAK-7
SOT-563
3000/Tape & Reel
DMN5010VAK-7
SOT-563
3000/Tape & Reel
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information (Note 6)
DMN5L06VK
DMN5010VAK
DMN5L06VAK
KAB YM
S
1
D
2
G
1
D
1
S
2
G
2
KAB= DMN5L06VK Product Type
Marking Code (See Note 6)
YM = Date Code Marking
Y
= Year (ex: T = 2006)
M = Month ex: 9 = September
xxx YM
S
1
D
2
G
1
D
1
S
2
G
2
xxx = Product Type Marking Code:
KAE or KAC (See Note 6)
YM = Date Code Marking
Y
= Year (ex: T = 2006)
M = Month ex: 9 = September
Notes:
6. Package is non-polarized. Parts may be on reel in orientation illustrated, 180° rotated, or mixed (both ways).
Date Code Key
Year
2006
2007
2008
2009
2010
2011
2012
Code
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Package Outline Dimensions
Suggested Pad Layout
SOT-563
Dim
Min
Max
Typ
A
0.15
0.30
0.20
B
1.10
1.25
1.20
C
1.55
1.70
1.60
D
-
-
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
K
0.55
0.60
0.60
L
0.10
0.30
0.20
M
0.10
0.18
0.11
All Dimensions in mm
Dimensions
Value (in mm)
Z
2.2
G
1.2
X
0.375
Y
0.5
C1
1.7
C2
0.5
A
M
L
B
C
H
K
G
D
X
Z
Y
C1
C2
C2
G



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com