Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN5 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN5
Description  DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN5 Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN5 Datasheet HTML 1Page - Diodes Incorporated DMN5 Datasheet HTML 2Page - Diodes Incorporated DMN5 Datasheet HTML 3Page - Diodes Incorporated DMN5 Datasheet HTML 4Page - Diodes Incorporated DMN5 Datasheet HTML 5Page - Diodes Incorporated DMN5 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMN5/L06VK/L06VAK/010VAK
Document number: DS30769 Rev. 8 - 2
1 of 6
www.diodes.com
January 2010
© Diodes Incorporated
DMN5/L06VK/L06VAK/010VAK
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Features
•
Dual N-Channel MOSFET
•
Low On-Resistance
•
Very Low Gate Threshold Voltage, 1.0V max
•
Low Input Capacitance
•
Fast Switching Speed
•
Low Input/Output Leakage
•
Ultra-Small Surface Mount Package
•
Lead Free By Design/RoHS Compliant (Note 2)
•
Halogen and Antimony Free
•
"Green" Device (Note 3)
•
ESD Protected up to 2kV
Mechanical Data
•
Case: SOT-563
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminal Connections: See Diagram
•
Terminals: Finish – Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
•
Marking Information: See Page 5
•
Ordering Information: See Page 5
•
Weight: 0.006 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Drain Source Voltage
VDSS
50
V
Drain-Gate Voltage RGS ≤ 1.0MΩ
VDGR
50
V
Gate-Source Voltage
Continuous
Pulsed
VGSS
±20
±40
V
Drain Current (Note 1)
Continuous
Pulsed
ID
IDM
280
1.5
mA
A
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 1)
PD
250
mW
Thermal Resistance, Junction to Ambient (Note 1)
RθJA
500
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can
be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. No purposefully added lead.
3. Diodes Inc.’s “Green” policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
SOT-563
TOP VIEW
ESD protected up to 2kV
DMN5L06VK
DMN5L06VAK
DMN5010VAK
G
1
D
1
D
2
S
2
S
1
G
2
S
1
D
1
D
2
S
2
G
1
G
2


Similar Part No. - DMN5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN5010VAK-13 DIODES-DMN5010VAK-13 Datasheet
278Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 11
DMN5010VAK-13 DIODES-DMN5010VAK-13 Datasheet
490Kb / 7P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 13
DMN5010VAK-13A DIODES-DMN5010VAK-13A Datasheet
490Kb / 7P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 13
DMN5010VAK-7 DIODES-DMN5010VAK-7 Datasheet
278Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 11
DMN5010VAK-7 DIODES-DMN5010VAK-7 Datasheet
490Kb / 7P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 13
More results

Similar Description - DMN5

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8926A FAIRCHILD-FDS8926A Datasheet
201Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS8936A FAIRCHILD-FDS8936A Datasheet
229Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS9936A FAIRCHILD-FDS9936A Datasheet
416Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com