Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN5 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN5
Description  DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN5 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN5 Datasheet HTML 1Page - Diodes Incorporated DMN5 Datasheet HTML 2Page - Diodes Incorporated DMN5 Datasheet HTML 3Page - Diodes Incorporated DMN5 Datasheet HTML 4Page - Diodes Incorporated DMN5 Datasheet HTML 5Page - Diodes Incorporated DMN5 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMN5/L06VK/L06VAK/010VAK
Document number: DS30769 Rev. 8 - 2
3 of 6
www.diodes.com
January 2010
© Diodes Incorporated
DMN5/L06VK/L06VAK/010VAK
T , CHANNEL TEMPERATURE (°C)
Fig. 3 Gate Threshold Voltage
vs. Channel Temperature
ch
0
-50
-25
0
25
50
75
100
125
150
0
I
DRAIN CURRENT (A)
Fig. 4 Static Drain-Source On-Resistance
vs. Drain Current
D,
1
10
1
I , DRAIN CURRENT (A)
Fig. 5 Static Drain-Source On-Resistance
vs. Drain Current
D
10
V
GATE SOURCE VOLTAGE (V)
Fig. 6 Static Drain-Source On-Resistance
vs. Gate-Source Voltage
GS,
T = 25 C
Pulsed
A
°
I = 280mA
D
T , AMBIENT TEMPERATURE ( C)
Fig. 7
A
°
Static Drain-Source On-State Resistance
vs. Ambient Temperature
V
= 10V
Pulsed
GS
I = 280mA
D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com