Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1663M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1663M
Description  2-Phase Unipolar Brushless Motor Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1663M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1663M Datasheet HTML 1Page - Sanyo Semicon Device LB1663M Datasheet HTML 2Page - Sanyo Semicon Device LB1663M Datasheet HTML 3Page - Sanyo Semicon Device LB1663M Datasheet HTML 4Page - Sanyo Semicon Device LB1663M Datasheet HTML 5Page - Sanyo Semicon Device LB1663M Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Specifications
[LB1663]
Absolute Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum input current
ICC max
t
% 20 ms
200
mA
Output supply voltage
VO max
–0.3 to +85
V
Maximum output current
IO max
1.5
A
RD flow-in current
IRD
10
mA
RD supply voltage
VRD
50
V
Allowable power
dissipation
Pd max
1.2
W
Operating temperature
Topr
–30 to +80
°C
Storage temperature
Tstg
–55 to +125
°C
Allowable Operating Ranges at Ta = 25°C
Parameter
Symbol
Conditions
Rating
Unit
Input current range
ICC
6.0 to 50.0
mA
Common-mode input
voltage range
VICM
0toVIN -1.5
V
Electrical Characteristics at Ta = 25°C, ICC =10mA
Parameter
Symbol
Conditions
min
typ
max
Unit
Output withstand voltage 1
VOR
80
V
Output withstand voltage 2
VO (sus)
IO = 0.1 A
65
V
Output saturation voltage
VO (sat)1
IO = 0.5 A
0.95
1.20
V
VO (sat)2
IO = 1.0 A
1.15
1.50
V
VO (sat)3
IO = 1.5 A
1.40
2.00
V
VIN input voltage
VIN
ICC = 7.0 mA
6.4
6.7
7.0
V
Amp input offset voltage
Voff
–7
0
+7
mV
Amp input bias current
IBA
–250
nA
RD output saturation voltage
VRD (sat)
IRD = 5 mA
0.1
0.2
V
C flow-out current
IC1
2.1
3.0
3.9
µA
C discharge current
IC2
0.31
0.44
0.59
µA
Comparator input threshold
voltage
VTH1
0.77
0.8 VIN
0.83
V
VTH2
0.42
0.45 VIN
0.48
V
[LB1663M] = Preliminary
Absolute Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum input current
ICC max
t
% 20 ms
200
mA
Output supply voltage
VO max
–0.3 to +85
V
Maximum output current
IO max
1.5
A
RD flow-in current
IRD
10
mA
RD supply voltage
VRD
50
V
Allowable power
dissipation
Pd max
0.9
W
* With specified board
1.2
W
Operating temperature
Topr
–30 to +80
°C
Storage temperature
Tstg
–55 to +125
°C
* Note: 20
× 30 × 1.5 mm3 glass epoxy board
LB1663, 1663M, 1666
No. 2552- 2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com