Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1663M Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LB1663M
Description  2-Phase Unipolar Brushless Motor Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1663M Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LB1663M Datasheet HTML 1Page - Sanyo Semicon Device LB1663M Datasheet HTML 2Page - Sanyo Semicon Device LB1663M Datasheet HTML 3Page - Sanyo Semicon Device LB1663M Datasheet HTML 4Page - Sanyo Semicon Device LB1663M Datasheet HTML 5Page - Sanyo Semicon Device LB1663M Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Truth Table
IN+
IN–
C
OUT1
OUT2
HL
L
H
L
LH
L
L
H
HL
H
H
H
L
HHH
H
Output Protection
For C marked with 1 µF
Lock detect time
Approximately 2s
Lock protect time
(output on)
Approximately 1s
Lock protect time
(output off)
Approximately 6s
Pin Description
Pin Name
Function
VIN
A limiting resistor is connected across VCC and VIN to adjust the current flowing into VIN to be6mA to50mA,
which generates a voltage (6.7 V) on this pin and supplies a regulated voltage to the IC system and a Hall
element.
IN+
IN–
Pins for accepting output from Hall element.
Common-mode input voltage range: 0 to VIN-1.5 V
Offset voltage:
± 7mV
OUT1
OUT2
Output transistors of output pins are Darlington-connected. External capacitors or Zener diodes must be
connected to protect output transistors.
RD
Open collector output (Drive mode - ‘‘L’’, Stop mode - ‘‘H’’)
B1
B2
Base pins for output transistors of Darlington connection.
A capacitor must be connected in an application where radio noise becomes a problem.
C
Capacitor pin for automatic return function
When the rotation is stopped by an overload, the voltage on this pin is increased, turning OFF the output.
Automatic return from output ‘‘stop’’ to ‘‘drive’’ occurs by making the load proper. The lock detect time can be set
by changing the capacitor constant.
GND
Ground
Pd max – Ta
Ambient temperature, Ta – °C
LB1663, 1663M, 1666
No. 2552- 5/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com