Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1663M Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB1663M
Description  2-Phase Unipolar Brushless Motor Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1663M Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB1663M Datasheet HTML 1Page - Sanyo Semicon Device LB1663M Datasheet HTML 2Page - Sanyo Semicon Device LB1663M Datasheet HTML 3Page - Sanyo Semicon Device LB1663M Datasheet HTML 4Page - Sanyo Semicon Device LB1663M Datasheet HTML 5Page - Sanyo Semicon Device LB1663M Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2-Phase Unipolar Brushless Motor Drivers
Applications
2-Phase unipolar brushless motor (ex. DC brushless fan motor)
drivers
Features and Functions
.
Protection against motor lock and automatic return can be
provided with a minimum number of external parts.
.
The LB1663, LB1663M, LB1666 can be operated from
either 12 V or 24 V power supply by changing an external
resistor.
.
Possible to connect a Hall element direct to the LB1663,
LB1663M, LB1666.
.
Built-in output transistors with output current 1.5 A.
.
Built-in rotation detect function (Drive mode: ‘‘L’’, Stop
mode: ‘‘H’’)
.
Built-in thermal shutdown
.
With radio noise reduction pin
Package Dimensions
unit : mm
3098A - DIP10S
[LB1663]
SANYO : DIP10S
unit : mm
3054A - DIP16F
[LB1666]
SANYO : DIP16F
unit : mm
3097 - MFP16FS
[LB1663M]
SANYO : MFP16FS
Ordering number: EN 2552C
Monolithic Digital IC
LB1663, 1663M, 1666
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
N3097HA(II)/7037KI/6197TA,TS No.2552 - 1/6


Similar Part No. - LB1663M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1663M SANYO-LB1663M Datasheet
75Kb / 5P
2-Phase Unipolar Brushless Motor Drivers
More results

Similar Description - LB1663M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1660N SANYO-LB1660N Datasheet
271Kb / 9P
2-Phase Unipolar Brushless Motor Drivers
LB1668 SANYO-LB1668 Datasheet
128Kb / 7P
Two-Phase Unipolar Drive Brushless Motor Drivers
LB1669 SANYO-LB1669 Datasheet
69Kb / 5P
2-Phase Unipolar Brushless Motor Driver
logo
Ceramate Technical
CMD1668 CERAMATE-CMD1668 Datasheet
369Kb / 9P
Two-Phase Unipolar Drive Brushless Motor Drivers
logo
Sanken electric
SLA7060M SANKEN-SLA7060M Datasheet
705Kb / 18P
2-Phase Unipolar Stepper Motor Driver
SLA707XM SANKEN-SLA707XM Datasheet
528Kb / 20P
2-Phase Unipolar Stepper Motor Driver
logo
Sanyo Semicon Device
LB1663M SANYO-LB1663M Datasheet
75Kb / 5P
2-Phase Unipolar Brushless Motor Drivers
LB1668 SANYO-LB1668_09 Datasheet
212Kb / 8P
Two-Phase Unipolar Drive Brushless Motor Drivers
logo
ON Semiconductor
LB1668 ONSEMI-LB1668 Datasheet
90Kb / 8P
2-Phase Unipolar Brushless Motor Drivers
May, 2013
LB1668M ONSEMI-LB1668M Datasheet
254Kb / 10P
2?릔hase Unipolar Brushless Motor Driver
March, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com