Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1663M Datasheet (PDF) - Sanyo Semicon Device

LB1663M Datasheet PDF - Sanyo Semicon Device
Part # LB1663M
Download  LB1663M Download
File Size   75.63 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2-Phase Unipolar Brushless Motor Drivers

LB1663M Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1663M Datasheet PDF - Sanyo Semicon Device

Part # LB1663M
Download  LB1663M Click to download

File Size   75.63 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2-Phase Unipolar Brushless Motor Drivers

LB1663M Datasheet (HTML) - Sanyo Semicon Device


LB1663M Product details

Features and Functions
• Protection against motor lock and automatic return can be provided with a minimum number of external parts.
• The LB1663, LB1663M, LB1666 can be operated from either 12 V or 24 V power supply by changing an external resistor.
• Possible to connect a Hall element direct to the LB1663, LB1663M, LB1666.
• Built-in output transistors with output current 1.5 A.
• Built-in rotation detect function (Drive mode: ‘‘L’’, Stop mode: ‘‘H’’)
• Built-in thermal shutdown
• With radio noise reduction pin

Applications
    2-Phase unipolar brushless motor (ex. DC brushless fan motor) drivers




Similar Part No. - LB1663M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1663M SANYO-LB1663M Datasheet
74Kb / 6P
2-Phase Unipolar Brushless Motor Drivers
More results


Similar Description - LB1663M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1660N SANYO-LB1660N Datasheet
271Kb / 9P
2-Phase Unipolar Brushless Motor Drivers
LB1663 SANYO-LB1663 Datasheet
74Kb / 6P
2-Phase Unipolar Brushless Motor Drivers
LB1668 SANYO-LB1668 Datasheet
128Kb / 7P
Two-Phase Unipolar Drive Brushless Motor Drivers
LB1669 SANYO-LB1669 Datasheet
69Kb / 5P
2-Phase Unipolar Brushless Motor Driver
logo
Ceramate Technical
CMD1668 CERAMATE-CMD1668 Datasheet
369Kb / 9P
Two-Phase Unipolar Drive Brushless Motor Drivers
logo
Sanken electric
SLA7060M SANKEN-SLA7060M Datasheet
705Kb / 18P
2-Phase Unipolar Stepper Motor Driver
SLA707XM SANKEN-SLA707XM Datasheet
528Kb / 20P
2-Phase Unipolar Stepper Motor Driver
logo
Sanyo Semicon Device
LB1668 SANYO-LB1668_09 Datasheet
212Kb / 8P
Two-Phase Unipolar Drive Brushless Motor Drivers
logo
ON Semiconductor
LB1668 ONSEMI-LB1668 Datasheet
90Kb / 8P
2-Phase Unipolar Brushless Motor Drivers
May, 2013
LB1668M ONSEMI-LB1668M Datasheet
254Kb / 10P
2?릔hase Unipolar Brushless Motor Driver
March, 2018 ??Rev. 1
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com