Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1663M Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LB1663M
Description  2-Phase Unipolar Brushless Motor Drivers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1663M Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LB1663M Datasheet HTML 1Page - Sanyo Semicon Device LB1663M Datasheet HTML 2Page - Sanyo Semicon Device LB1663M Datasheet HTML 3Page - Sanyo Semicon Device LB1663M Datasheet HTML 4Page - Sanyo Semicon Device LB1663M Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LB1663, 1663M, 1666
No.2552-4/5
Block Diagram and Sample Application Circuit
(Note) *1 : Radio noise reduction capacitor : 0.01 to 0.1
μF.
*2 : Use a less leaky capacitor.
Output Protection
Lock detect time
Approximately 2s
Lock detect time (output on)
Approximately 1s
For C marked with 1
μF
Lock detect time (output off)
Approximately 6s
Pin Functions
Pin name
Function
VIN
A limiting resistor is connected across VCC and VIN to adjust the current flowing into VIN to be 6mA to 50mA, which generates a voltage
(6.7V) on this pin and supplies a regulated voltage to the IC system and a Hall element.
IN-
IN+
Pins for accepting output from Hall element.
Common-mode input voltage range : 0 to VIN-1.5V
Offset voltage :
±7mV
OUT1
OUT2
Output transistors of output pins are Darlington-connected.
External capacitors or Zener diodes must be connected to protect output transistors.
RD
Open collector output. (Drive mode : ‘‘L’’, Stop mode : ‘‘H’’).
B1
B2
Base pins for output transistors of Darlington connection.
A capacitor must be connected in an application where radio noise becomes a problem.
C
Capacitor pin for automatic return function.
When the rotation is stopped by an overload, the voltage on this pin is increased, turning OFF the output.
Automatic return from output ‘‘stop’’ to ‘‘drive’’ occurs by making the load proper. The lock detect time can be set by changing the
capacitor constant.
GND
Ground.
+
+
L2
L1
OUT1
OUT2
C2*1
C1
*2
B2
R2
B1
RD
GND
0.47 to 10
μF
1 to 10
μF
thermal
shut down
IN+
VIN
IN-
C
D
R1
Constant
current
circuit
Control
block
amp
H



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com