Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1663M Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB1663M
Description  2-Phase Unipolar Brushless Motor Drivers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1663M Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB1663M Datasheet HTML 1Page - Sanyo Semicon Device LB1663M Datasheet HTML 2Page - Sanyo Semicon Device LB1663M Datasheet HTML 3Page - Sanyo Semicon Device LB1663M Datasheet HTML 4Page - Sanyo Semicon Device LB1663M Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
D1708 MS PC/N3097HA(II)/7037KI/6197TA,TS No.2252-1/5
Overview
The LB1663 series are 2-phase unipolar brushless motor (ex. DC brushless fanmotor) drivers.
Features
• Protection against motor lock and automatic return can be provided with a minimum number of external parts.
• The LB1663, LB1663M, LB1666 can be operated from either 12V or 24V power supply by changing an external resistor.
• Possible to connect a Hall element direct to the LB1663, LB1663M, LB1666.
• Built-in output transistors with output current 1.5A.
• Built-in rotation detect function (Drive mode : ‘‘L’’, Stop mode : ‘‘H’’).
• Built-in thermal shutdown.
• With radio noise reduction pin.
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum input current
ICC max
t
≤ 20ms
200
mA
Output supply voltage
VO max
-0.3 to +85
V
Maximum output current
IO max
1.5
A
RD flow-in current
IRD
10
mA
RD supply voltage
VRD
50
V
LB1663
1.2
W
LB1663M : Independent IC
0.9
W
LB1663M : *With specified board
1.2
W
Allowable power dissipation
Pd max
LB1666
2.0
W
Operating temperature
Topr
-30 to +80
°C
Storage temperature
Tstg
-55 to +125
°C
* Specified board : 20mm
× 30mm × 1.5mm, glass epoxy
Monolithic Digital IC
2-Phase Unipolar
Brushless Motor Drivers
Ordering number : EN2552E
LB1663
LB1663M
LB1666


Similar Part No. - LB1663M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1663M SANYO-LB1663M Datasheet
74Kb / 6P
2-Phase Unipolar Brushless Motor Drivers
More results

Similar Description - LB1663M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1660N SANYO-LB1660N Datasheet
271Kb / 9P
2-Phase Unipolar Brushless Motor Drivers
LB1663 SANYO-LB1663 Datasheet
74Kb / 6P
2-Phase Unipolar Brushless Motor Drivers
LB1668 SANYO-LB1668 Datasheet
128Kb / 7P
Two-Phase Unipolar Drive Brushless Motor Drivers
LB1669 SANYO-LB1669 Datasheet
69Kb / 5P
2-Phase Unipolar Brushless Motor Driver
logo
Ceramate Technical
CMD1668 CERAMATE-CMD1668 Datasheet
369Kb / 9P
Two-Phase Unipolar Drive Brushless Motor Drivers
logo
Sanken electric
SLA7060M SANKEN-SLA7060M Datasheet
705Kb / 18P
2-Phase Unipolar Stepper Motor Driver
SLA707XM SANKEN-SLA707XM Datasheet
528Kb / 20P
2-Phase Unipolar Stepper Motor Driver
logo
Sanyo Semicon Device
LB1668 SANYO-LB1668_09 Datasheet
212Kb / 8P
Two-Phase Unipolar Drive Brushless Motor Drivers
logo
ON Semiconductor
LB1668 ONSEMI-LB1668 Datasheet
90Kb / 8P
2-Phase Unipolar Brushless Motor Drivers
May, 2013
LB1668M ONSEMI-LB1668M Datasheet
254Kb / 10P
2?릔hase Unipolar Brushless Motor Driver
March, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com