Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1663M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1663M
Description  2-Phase Unipolar Brushless Motor Drivers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1663M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1663M Datasheet HTML 1Page - Sanyo Semicon Device LB1663M Datasheet HTML 2Page - Sanyo Semicon Device LB1663M Datasheet HTML 3Page - Sanyo Semicon Device LB1663M Datasheet HTML 4Page - Sanyo Semicon Device LB1663M Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LB1663, 1663M, 1666
No.2552-2/5
Allowable Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Input current range
ICC
6.0 to 50.0
mA
Common-mode input voltage range
VICM
0 to VIN-1.5
V
Electrical Characteristics at Ta
= 25°C, ICC = 10mA
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
VOLM
80
V
Output limit voltage
VO (sus)
IO = 0.1A
65
V
VO (sat)1
IO = 0.5A
0.95
1.20
V
VO (sat)2
IO = 1.0A
1.15
1.50
V
Output saturation voltage
VO (sat)3
IO = 1.5A
1.40
2.00
V
VIN input voltage
VIN
ICC = 7.0mA
6.4
6.7
7.0
V
Amp input offset voltage
Voff
-7
0
+7
mV
Amp input bias current
IBA
-250
nA
RD output saturation voltage
VRD (sat)
IRD = 5mA
0.1
0.2
V
C flow-out current
IC1
2.1
3.0
3.9
μA
LB1663, 1663M
0.31
0.44
0.59
μA
C discharge current
IC2
LB1666
0.21
0.30
0.39
μA
VTH1
0.77
0.8VIN
0.83
V
Comparator input threshold voltage
VTH2
0.42
0.45VIN
0.48
V
Package Dimensions
Package Dimensions
unit : mm (typ)
unit : mm (typ)
3098D
[LB1663]
3097B
[LB1663M]
SANYO : DIP10S(300mil)
9.14
0.95
15
10
6
0.48
(1.01)
1.78
SANYO : MFP16FS(300mil)
18
9
16
12.5
1.35
0.35
1.0
1.5
(2.7)
0.15



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com