Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3892 Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 89 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 85Page - Texas Instruments AM3892 Datasheet HTML 86Page - Texas Instruments AM3892 Datasheet HTML 87Page - Texas Instruments AM3892 Datasheet HTML 88Page - Texas Instruments AM3892 Datasheet HTML 89Page - Texas Instruments AM3892 Datasheet HTML 90Page - Texas Instruments AM3892 Datasheet HTML 91Page - Texas Instruments AM3892 Datasheet HTML 92Page - Texas Instruments AM3892 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 299 page
background image
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
Table 3-26. Video Output 0 Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
VOUT[0]_R_CR[9]/
PULL: IPD / DIS
VOUT[0],
VOUT[0]_B_CB_C[1]/
AU9
O
DRIVE: L / L
VOUT[1]
VOUT[1]_Y_YC[9]
DVDD_3P3
PINCTRL125
VOUT[0]_R_CR[8]/
PULL: IPD / DIS
VOUT[0],
VOUT[0]_B_CB_C[0]/
AK10
O
DRIVE: L / L
VOUT[1]
VOUT[1]_Y_YC[8]
DVDD_3P3
PINCTRL124
VOUT[0]_R_CR[7]/
PULL: IPD / DIS
VOUT[0],
VOUT[0]_G_Y_YC[1]/
AL10
O
DRIVE: L / L
VOUT[1]
VOUT[1]_Y_YC[7]
DVDD_3P3
PINCTRL123
VOUT[0]_R_CR[6]/
PULL: IPD / DIS
VOUT[0],
Video Output 0 Data. These signals represent the
VOUT[0]_G_Y_YC[0]/
AU10
O
DRIVE: L / L
VOUT[1]
8 MSBs of R/CR video data. For RGB mode they
VOUT[1]_Y_YC[6]
DVDD_3P3
PINCTRL122
are red data bits, for YUV444 mode they are Cr
VOUT[0]_R_CR[5]/
PULL: IPD / DIS
VOUT[0],
(Chroma) data bits, for Y/C mode and BT.656
VOUT[0]_AVID/
AT10
O
DRIVE: L / L
VOUT[1]
modes they are unused.
VOUT[1]_Y_YC[5]
DVDD_3P3
PINCTRL121
VOUT[0]_R_CR[4]/
PULL: IPD / DIS
VOUT[0],
VOUT[0]_FLD/
AG13
O
DRIVE: L / L
VOUT[1]
VOUT[1]_Y_YC[4]
DVDD_3P3
PINCTRL120
VOUT[0]_R_CR[3]/
PULL: IPD / DIS
VOUT[0],
VOUT[0]_VSYNC/
AR11
O
DRIVE: L / L
VOUT[1]
VOUT[1]_Y_YC[3]
DVDD_3P3
PINCTRL119
VOUT[0]_R_CR[2]/
PULL: IPD / DIS
VOUT[0],
VOUT[0]_HSYNC/
AT11
O
DRIVE: L / L
VOUT[1]
VOUT[1]_Y_YC[2]
DVDD_3P3
PINCTRL118
PULL: IPD / IPD
Video Output 0 Data. These signals represent the
-
VOUT[0]_R_CR[1]
AT8
O
DRIVE: Z / Z
2 LSBs of R/CR video data for 30-bit video modes
PINCTRL40
DVDD_3P3
(VOUT[0] only). For RGB mode they are red data
bits, for YUV444 mode they are Cr (Chroma) data
VOUT[0]_R_CR[0]/
PULL: IPD / IPD
bits, for Y/C mode and BT.656 modes they are
VOUT[1]
VOUT[1]_C[8]/
AJ11
O
DRIVE: Z / Z
unused. These signals are not used in 24-bit
PINCTRL26
VOUT[1]_CLK
DVDD_3P3
mode.
PULL: IPD / IPD
-
VOUT[0]_VSYNC
AN9
O
DRIVE: Z / Z
PINCTRL37
Video Output 0 Vertical Sync output. This is the
DVDD_3P3
discrete vertical synchronization output. This
VOUT[0]_R_CR[3]/
PULL: IPD / DIS
VOUT[0],
signal is not used for embedded sync modes.
VOUT[0]_VSYNC/
AR11
O
DRIVE: L / L
VOUT[1]
VOUT[1]_Y_YC[3]
DVDD_3P3
PINCTRL119
PULL: IPD / IPD
-
VOUT[0]_HSYNC
AM9
O
DRIVE: Z / Z
PINCTRL36
Video Output 0 Horizontal Sync output. This is the
DVDD_3P3
discrete horizontal synchronization output. This
VOUT[0]_R_CR[2]/
PULL: IPD / DIS
VOUT[0],
signal is not used for embedded sync modes.
VOUT[0]_HSYNC/
AT11
O
DRIVE: L / L
VOUT[1]
VOUT[1]_Y_YC[2]
DVDD_3P3
PINCTRL118
PULL: IPD / IPD
-
VOUT[0]_FLD
AL9
O
DRIVE: Z / Z
PINCTRL38
Video Output 0 Field ID output. This is the discrete
DVDD_3P3
field identification output. This signal is not used
VOUT[0]_R_CR[4]/
PULL: IPD / DIS
VOUT[0],
for embedded sync modes.
VOUT[0]_FLD/
AG13
O
DRIVE: L / L
VOUT[1]
VOUT[1]_Y_YC[4]
DVDD_3P3
PINCTRL120
PULL: IPD / IPD
-
VOUT[0]_AVID
AR8
O
DRIVE: Z / Z
PINCTRL39
Video Output 0 Active Video output. This is the
DVDD_3P3
discrete active video indicator output. This signal
VOUT[0]_R_CR[5]/
PULL: IPD / DIS
VOUT[0],
is not used for embedded sync modes.
VOUT[0]_AVID/
AT10
O
DRIVE: L / L
VOUT[1]
VOUT[1]_Y_YC[5]
DVDD_3P3
PINCTRL121
Copyright © 2010–2011, Texas Instruments Incorporated
Device Pins
89
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com