Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3892 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 9Page - Texas Instruments AM3892 Datasheet HTML 10Page - Texas Instruments AM3892 Datasheet HTML 11Page - Texas Instruments AM3892 Datasheet HTML 12Page - Texas Instruments AM3892 Datasheet HTML 13Page - Texas Instruments AM3892 Datasheet HTML 14Page - Texas Instruments AM3892 Datasheet HTML 15Page - Texas Instruments AM3892 Datasheet HTML 16Page - Texas Instruments AM3892 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 299 page
background image
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
2.5.1.1
Mailbox Registers
Table 2-3 lists the Mailboxes available on this device. The register set below is applicable to these
mailboxes. Table 2-4 lists the Mailbox registers.
Table 2-3. Mailboxes
MAILBOX TYPE
USER NUMBER (u)
MAILBOX NUMBER (m)
MESSAGES PER MAILBOX
System Mailbox
0 to 3
0 to 11
4
Table 2-4. Mailbox Registers Summary(1)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x480C 8000
MAILBOX_REVISION
Mailbox Revision
0x480C 8010
MAILBOX_SYSCONFIG
Mailbox System Configuration
0x480C 8040 + (0x4 * m)
MAILBOX_MESSAGE_m
Mailbox Message
0x480C 8080 + (0x4 * m)
MAILBOX_FIFOSTATUS_m
Mailbox FIFO Status
0x480C 80C0 + (0x4 * m)
MAILBOX_MSGSTATUS_m
Mailbox Message Status
0x480C 8100 + (0x10 * u)
MAILBOX_IRQSTATUS_RAW_u Mailbox IRQ RAW Status
0x480C 8104 + (0x10 * u)
MAILBOX_IRQSTATUS_CLR_u
Mailbox IRQ Clear Status
0x480C 8108 + (0x10 * u)
MAILBOX_IRQENABLE_SET_u
Mailbox IRQ Enable Set
0x480C 810C + (0x10 * u)
MAILBOX_IRQENABLE_CLR_u
Mailbox IRQ Enable Clear
0x480C 8140
-
Reserved
(1)
For the range of m and u, see Table 2-3.
2.5.2
Spinlock Module
The Spinlock module provides hardware assistance for synchronizing the processes running on multiple
processors in the device:
•
ARM Cortex-A8 processor
•
Media Controller processors.
The Spinlock module implements 64 spinlocks (or hardware semaphores) that provide an efficient way to
perform a lock operation of a device resource using a single read-access, avoiding the need for a
read-modify-write bus transfer of which the programmable cores are not capable.
2.5.2.1
Spinlock Registers
Table 2-5. Spinlock Registers Summary(1)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x480C A000
SPINLOCK_REV
Revision
0x480C A010h
SPINLOCK_SYSCFG
System Configuration
0x480C A014h
SPINLOCK_SYSSTAT
System Status
0x480C A800 + (0x4*i)
SPINLOCK_LOCK_REG_i
Lock
(1)
i = 0 to 63
2.6
Power, Reset and Clock Management (PRCM) Module
The PRCM module is the centralized management module for the power, reset, and clock control signals
of the device. It interfaces with all the components on the device for power, clock, and reset management
through power-control signals. It integrates enhanced features to allow the device to adapt energy
consumption dynamically, according to changing application and performance requirements. The
innovative hardware architecture allows a substantial reduction in leakage current.
The PRCM module is composed of two main entities:
Copyright © 2010–2011, Texas Instruments Incorporated
Device Overview
13
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com