Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3892 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 2 Page - Texas Instruments

  AM3892 Datasheet HTML 1Page - Texas Instruments AM3892 Datasheet HTML 2Page - Texas Instruments AM3892 Datasheet HTML 3Page - Texas Instruments AM3892 Datasheet HTML 4Page - Texas Instruments AM3892 Datasheet HTML 5Page - Texas Instruments AM3892 Datasheet HTML 6Page - Texas Instruments AM3892 Datasheet HTML 7Page - Texas Instruments AM3892 Datasheet HTML 8Page - Texas Instruments AM3892 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 299 page
background image
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
– USB 2.0 High-/Full-Speed Client
– Two Dual-Serializer Transmit/Receive Ports
– USB 2.0 High-/Full-/Low-Speed Host
– DIT-Capable For S/PDIF (All Ports)
– Supports End Points 0-15
• Multichannel Buffered Serial Port (McBSP)
• General Purpose Memory Controller (GPMC)
– Transmit/Receive Clocks up to 48 MHz
– 8-/16-bit Multiplexed Address/Data Bus
– Two Clock Zones and Two Serial Data Pins
– Up to 6 Chip Selects With up to 256M-Byte
– Supports TDM, I2S, and Similar Formats
Address Space per Chip Select Pin
• Real-Time Clock (RTC)
– Glueless Interface to NOR Flash, NAND
– One-Time or Periodic Interrupt Generation
Flash (With BCH and Hamming Error Code
• Up to 64 General-Purpose I/O (GPIO) Pins
Detection), SRAM and Pseudo-SRAM
• On-Chip ARM® ROM Bootloader (RBL)
– Error Locator Module (ELM) Outside of
• Power, Reset, and Clock Management
GPMC to Provide Up to 16-Bit/512-Bytes
– SmartReflex™ Technology (Level 2)
Hardware ECC for NAND
– Seven Independent Core Power Domains
– Flexible Asynchronous Protocol Control for
– Clock Enable/Disable Control For
Interface to FPGA, CPLD, ASICs, etc.
Subsystems and Peripherals
• Enhanced Direct-Memory-Access (EDMA)
• IEEE-1149.1 (JTAG) and IEEE-1149.7 (cJTAG)
Controller
Compatible
– Four Transfer Controllers
• 1031-Pin Pb-Free BGA Package (CYG Suffix),
– 64/8 Independent DMA/QDMA Channels
0.65-mm Ball Pitch
• Seven 32-bit General-Purpose Timers
• Via Channel™ Technology Enables use of
• One System Watchdog Timer
0.8-mm Design Rules
• Three Configurable UART/IrDA/CIR Modules
• 40-nm CMOS Technology
– UART0 With Modem Control Signals
• 3.3-V Single-Ended LVCMOS I/Os (except for
– Supports up to 3.6864 Mbps UART
DDR3 at 1.5 V, DDR2 at 1.8 V, and DEV_CLKIN
– SIR, MIR, FIR (4.0 MBAUD), and CIR
at 1.8 V)
• One 40-MHz Serial Peripheral Interface (SPI)
• Applications
With Four Chip-Selects
– Single-Board Computing
• SD/SDIO serial interface (1-/4-Bit)
– Network and Communications Processing
• Dual Inter-Integrated Circuit ( I2C BUS®) Ports
– Industrial Automation
• Three Multichannel Audio Serial Ports
– Human Machine Interface
– One Six-Serializer Transmit/Receive Port
– Interactive Point-of-Service Kiosks
2
Device Summary
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com