Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847CS Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BC847CS
Description  GENERAL PURPOSE TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC847CS Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BC847CS Datasheet HTML 1Page - Pan Jit International Inc. BC847CS Datasheet HTML 2Page - Pan Jit International Inc. BC847CS Datasheet HTML 3Page - Pan Jit International Inc. BC847CS Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
REV.0.0-JUN.27.2008
BC847CS/BC857CS
VOLTAGE
POWER
45 Volts
150 mW
GENERAL PURPOSE TRANSISTORS
• General Purpose Amplifier Applications
• Collector Current IC = -100mA
• In compliance with EU RoHS 2002/95/EC directives
ABSOLUTE MAXIMUM RATINGS
Case: SOT-363
Terminals : Solderable per MIL-STD-750,Method 2026
Approx Weight: 0.006 grams
Device Marking : BC847CS=47C
BC857CS=57C
MECHANICAL DATA
FEATURES
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
C
7
4
8
C
BS
C
7
5
8
C
BS
T
I
N
U
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
r
o
t
c
e
l
l
o
C
V CE O
5
4V
r
o
t
c
e
l
l
o
Ce
g
a
t
l
o
V
e
s
a
B
-V CB O
0
5V
e
g
a
t
l
o
V
e
s
a
B
-
r
e
t
t
i
m
E
V EBO
5V
s
u
o
u
n
i
t
n
o
C
-
t
n
e
r
r
u
C
r
o
t
c
e
l
l
o
C
IC
0
0
1A
m
)
1
e
t
o
N
(
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
x
a
M
P TOT
5
2
2W
m
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
TJ T
, STG
0
5
1
+
o
t
5
5
-
O C
e
r
u
g
i
F
t
i
u
c
r
i
C
4
5
.
g
i
F3
5
.
g
i
F
Fig.53
Fig.54


Similar Part No. - BC847CS

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BC847CS SECOS-BC847CS Datasheet
1Mb / 7P
NPN Plastic Encapsulate Transistor
logo
Pan Jit International I...
BC847CSTB6 PANJIT-BC847CSTB6 Datasheet
413Kb / 6P
DUAL NPN GENERAL PURPOSE TRANSISTOR
BC847CSTB6_R1_00001 PANJIT-BC847CSTB6_R1_00001 Datasheet
413Kb / 6P
DUAL NPN GENERAL PURPOSE TRANSISTOR
BC847CSTB6_R2_00001 PANJIT-BC847CSTB6_R2_00001 Datasheet
413Kb / 6P
DUAL NPN GENERAL PURPOSE TRANSISTOR
More results

Similar Description - BC847CS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
General Purpose Transistors
March, 2007 ??Rev. 3
logo
SeCoS Halbleitertechnol...
EMX1 SECOS-EMX1 Datasheet
516Kb / 3P
General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
General Purpose Transistors
October, 2009 ??Rev. 9
logo
WILLAS ELECTRONIC CORP
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
General Purpose Transistors
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
General Purpose Transistors
logo
First Silicon Co., Ltd
BC807S FS-BC807S Datasheet
107Kb / 3P
General Purpose Transistors
BC847E FS-BC847E Datasheet
427Kb / 5P
General Purpose Transistors
logo
Shanghai Leiditech Elec...
L9012PLT1G LEIDITECH-L9012PLT1G Datasheet
273Kb / 2P
General Purpose Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com