Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847CS Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BC847CS
Description  GENERAL PURPOSE TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC847CS Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BC847CS Datasheet HTML 1Page - Pan Jit International Inc. BC847CS Datasheet HTML 2Page - Pan Jit International Inc. BC847CS Datasheet HTML 3Page - Pan Jit International Inc. BC847CS Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
REV.0.0-JUN.27.2008
BC847CS/BC857CS
THERMAL CHARACTERISTICS
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SE
U
L
A
CS
T
I
N
U
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
R
ΘJA
6
5
5
O
W
/
C
ELECTRICAL CHARACTERISTICS (TJ=25oC,unless otherwise noted)
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S.
N
I
M.
P
Y
T.
X
A
MT
I
N
U
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
r
e
t
t
i
m
E
-
r
o
t
c
e
l
l
o
C
I
( C
I
,
A
m
0
1
=
B
)
0
=
V( BR)E
CO
5
4-
-
V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
r
o
t
c
e
l
l
o
C
I
( C
0
1
=
µ I,
A
B
)
0
=
V( BR)B
CO
0
5-
-
V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
r
e
t
t
i
m
E
I
( E 1
=
µ I,
A
C
)
0
=
V( BR)B
EO
0
.
5-
-
V
(
t
n
e
r
r
u
C
f
f
o
t
u
C
e
s
a
B
-
r
e
t
t
i
m
EV EB
)
V
5
=I EBO
--
0
0
1A
n
(
t
n
e
r
r
u
C
f
f
o
t
u
C
e
s
a
B
-
r
o
t
c
e
l
l
o
CV CE
,
V
0
3
=I E 0
=)
TJ
0
5
1
=
o C
I CB O
-
-
-
-
5
1
0
.
4
A
n
µA
n
i
a
G
t
n
e
r
r
u
C
C
D
I
( C
0
1
=
µ V
,
A
CE
)
V
5
=
I
( C
V
,
A
m
0
.
2
=
CE
)
V
5
=
hFE
-
0
2
4
0
7
2
0
2
5
-
0
0
8
-
I
(
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
r
o
t
c
e
l
l
o
C
C
I
,
A
m
0
1
=
B
)
A
m
5
.
0
=
I
( C
I
,
A
m
0
0
1
=
B
)
A
m
0
.
5
=
V CE ( SAT)
-
-
-
-
3
.
0
5
6
.
0
V
I
(
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
e
s
a
B
C
I
,
A
m
0
1
=
B
)
A
m
5
.
0
=
I
( C
I
,
A
m
0
0
1
=
B
)
A
m
0
.
5
=
V BE ( SAT)
-
-
7
.
0
9
.
0
-
-
V
I
(
e
g
a
t
l
o
V
n
O
r
e
t
t
i
m
E
-
e
s
a
B
C
,
A
m
0
.
2
=V CE
)
V
0
.
5
=
I
( C
,
A
m
0
1
=V CE
V
0
.
5
=)
V BE ( ON)
6
.
0
-
-
-
5
7
.
0
2
8
.
0
V
e
c
n
a
t
i
c
a
p
a
C
e
s
a
B
-
r
o
t
c
e
l
l
o
C
(V CB
I
,
V
0
1
=
E
)
z
H
M
1
=
f
,
0
=
C CB
--
5
.
4F
p
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
G
-
t
n
e
r
r
u
C
I
( C
,
A
m
0
1
=V CE
)
z
H
M
0
0
1
=
f
,
V
0
.
5
=
F T
-0
0
2-
z
H
M
Note 1 : Transistor mounted on FR-4 board 70 x 60 x 1mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com