Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847CS Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # BC847CS
Description  GENERAL PURPOSE TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC847CS Datasheet(HTML) 3 Page - Pan Jit International Inc.

  BC847CS Datasheet HTML 1Page - Pan Jit International Inc. BC847CS Datasheet HTML 2Page - Pan Jit International Inc. BC847CS Datasheet HTML 3Page - Pan Jit International Inc. BC847CS Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE . 3
REV.0.0-JUN.27.2008
BC847CS/BC857CS
0.01
0.1
1
10
100
600
500
400
300
200
100
0
Collector Current,I (mA)
C
Collector Current,I (mA)
C
0.01
0.1
1
10
100
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
Collector Current, I (mA)
C
Collector Current, I (mA)
C
0.01
0.1
1
10
100
Collector Current,I (mA)
C
Collector Current,I (mA)
C
0.3
0.25
0.2
0.15
0.1
0.05
0
0.1
1
10
100
14
12
10
8
6
4
2
0
Reverse Voltage,V (V)
R
Reverse Voltage,V (V)
R
T =100 C
J
O
T=25 C
J
O
T =150 C
J
O
T =150 C
J
O
T =100 C
J
O
T =100 C
J
O
T=25 C
J
O
T=25 C
J
O
T=15 C
J
O
VCE=-5V
CIB (EB)
COB (BC)
V=-5V
CE
Fig.1- TYPICAL h
vs. Collector Current
FE
Fig.2- TYPICAL V
vs. Collector Current
BE(ON)
Fig.3- TYPICAL V
vs. Collector Current
CE(SAT)
Fig.4- TYPICAL CAPACITANCES vs. REVERSE VOLTAGE
ELECTRICAL CHARACTERISTICS CURVES
ELECTRICAL CHARACTERISTICS CURVES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com