Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCX705TA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FCX705TA
Description  120V PNP SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FCX705TA Datasheet(HTML) 1 Page - Diodes Incorporated

  FCX705TA Datasheet HTML 1Page - Diodes Incorporated FCX705TA Datasheet HTML 2Page - Diodes Incorporated FCX705TA Datasheet HTML 3Page - Diodes Incorporated FCX705TA Datasheet HTML 4Page - Diodes Incorporated FCX705TA Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SEMICO NDUC TORS
SUMMARY
VCEO=120V; VCE(sat)= 1.3V; IC= -1A
DESCRIPTION
This new PNP Darlington transistor provides users with very efficient performance
combining low VCE (sat) and very high HFE to give extremely low on state losses at
120V operation. This makes it deal for use in a variety of efficient driving functions
including motors, lamps relays and solenoids and will also benefit circuits
requiring high output current switching.
FEATURES
• Low Saturation Voltage
• H
FE min 3K @ -1A
• I
C= -2A Continuous
• SOT89 package with Ptot - 1W
• Specification is also available in Eline and SOT223
package outlines
APPLICATIONS
• Various driving functions
- Lamps
- Motors
- Relays and solenoids
• High output current switches
DEVICE MARKING
705
FCX705
ISSUE 4 - DECEMBER 2002
120V PNP SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
1
SOT89
DEVICE
REEL
SIZE
TAPE
WIDTH
QUANTITY
PER REEL
FCX705TA
7’‘
12mm
1000 units
ORDERING INFORMATION
Top View


Similar Part No. - FCX705TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX705TA ZETEX-FCX705TA Datasheet
91Kb / 5P
120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
FCX705TA ZETEX-FCX705TA Datasheet
141Kb / 5P
120V PNP SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
More results

Similar Description - FCX705TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX605 ZETEX-FCX605 Datasheet
107Kb / 5P
120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
FCX705 ZETEX-FCX705 Datasheet
91Kb / 5P
120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
Microsemi Corporation
2N7371 MICROSEMI-2N7371 Datasheet
55Kb / 2P
PNP DARLINGTON HIGH POWER SILICON TRANSISTOR
logo
Zetex Semiconductors
ZXTP05120HFF ZETEX-ZXTP05120HFF Datasheet
434Kb / 8P
120V, SOT23F, PNP medium power Darlington transistor
FCX705 ZETEX-FCX705_02 Datasheet
141Kb / 5P
120V PNP SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
Guangdong Kexin Industr...
CZT2000 KEXIN-CZT2000 Datasheet
34Kb / 1P
PNP Silicon Extremely High Voltage Darlington Transistor
logo
Diodes Incorporated
FCX605 DIODES-FCX605 Datasheet
168Kb / 5P
120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
SEPTEMBER 2005
ZXTP05120HFF DIODES-ZXTP05120HFF Datasheet
447Kb / 8P
120V, SOT23F, PNP medium power Darlington transistor
MAY 2007
logo
Unisonic Technologies
UDT1605 UTC-UDT1605 Datasheet
111Kb / 3P
120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
UDT1605 UTC-UDT1605_15 Datasheet
126Kb / 3P
120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com