Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS751-1WB3F Datasheet(PDF) 10 Page - STMicroelectronics

Part # STTS751-1WB3F
Description  2.25 V low-voltage local digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS751-1WB3F Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STTS751-1WB3F Datasheet HTML 6Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 7Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 8Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 9Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 10Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 11Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 12Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 13Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
SMBus interface
STTS751
10/36
Doc ID 16483 Rev 5
3
SMBus interface
3.1
SMBus protocol
The STTS751 communicates over a 2-wire serial interface compatible with the SMBus
standard. Temperature data, alarm limits and configuration information are communicated
over the bus. A detailed timing diagram is shown below in Figure 5.
Figure 5.
SMBus timing diagram
The STTS751 supports standard SMBus protocols (see Table 4, 5, 6, and 7).
●
WRITE byte
●
READ byte
●
SEND byte
●
RECEIVE byte
●
Alert response address
PS
P
S - start condition
P - stop condition
TBUF
THD; STA
TLOW
TR
THIGH
THD; STA
TF
TSU:STO
TSU:STA
TSU:DAT
THD:DAT
S
SMCLK
SMDATA
AM03067v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com