Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS751-1WB3F Datasheet(PDF) 15 Page - STMicroelectronics

Part # STTS751-1WB3F
Description  2.25 V low-voltage local digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS751-1WB3F Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STTS751-1WB3F Datasheet HTML 11Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 12Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 13Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 14Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 15Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 16Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 17Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 18Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
STTS751
STTS751 register summary
Doc ID 16483 Rev 5
15/36
4.3
Temperature limit register format
The high and low limit registers have the same format as the temperature register with the
integer portion of the two's complement value stored in the high byte and the fractional
portion in the low byte. These registers are read-write.
Note that the high limit defaults to 85 °C.
4.4
Temperature examples
The table below shows several examples of how the data is arranged in the high and low
byte pairs used for the temperature and limit registers.
Note:
The maximum and minimum values for the temperature registers are 127.9375 (7F:F0h,
high byte : low byte) and –64 (C0:00h), respectively. This also applies to the high and low
limit registers.
Table 12.
Temperature limit register (two’s complement format)
ADDR
(hex)
R/W
Register
b7
b6
b5
b4
b3
b2
b1
b0
Power-up
default (hex)
05
R/W
High limit - high byte
sign
64 °C
32 °C
16 °C
8 °C
4°C
2 °C 1 °C 55 (85 °C, dec)
06
R/W
High limit - low byte
½ °C
¼ °C
1/
8 °C
1/
16 °C
0
0
0
0
00
07
R/W
Low limit - high byte
sign
64 °C
32 °C
16 °C
8 °C
4°C
2 °C 1 °C
00
08
R/W
Low limit - low byte
½ °C
¼ °C
1/
8 °C
1/
16 °C
0
0
0
0
00
Table 13.
Temperature examples (two’s complement format)
b7
b6
b5
b4
b3
b2
b1
b0
Weighting of the
bits
High byte
sign
64 °C
32 °C
16 °C
8 °C
4°C
2 °C
1 °C
Low byte
½ °C
¼ °C
1/
8 °C
1/
16 °C
0
0
0
0
–64 °C
High byte
1
1
0
0
0
0
0
0
Low byte
0
0
0
0
0
0
0
0
–63 °C
High byte
1
1
0
0
0
0
0
1
Low byte
0
0
0
0
0
0
0
0
–1 °C
High byte
1
1
1
1
1
1
1
1
Low byte
0
0
0
0
0
0
0
0
+1 °C
High byte
0
0
0
0
0
0
0
1
Low byte
0
0
0
0
0
0
0
0
+5.3125 °C(1)
High byte
0
0
0
0
0
1
0
1
Low byte
0
1
0
1
0
0
0
0
+125 °C
High byte
0
1
1
1
1
1
0
1
Low byte
0
0
0
0
0
0
0
0
1.
With 12-bit resolution selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com