Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS751-1WB3F Datasheet(PDF) 16 Page - STMicroelectronics

Part # STTS751-1WB3F
Description  2.25 V low-voltage local digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS751-1WB3F Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STTS751-1WB3F Datasheet HTML 12Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 13Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 14Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 15Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 16Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 17Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 18Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 19Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
STTS751 register summary
STTS751
16/36
Doc ID 16483 Rev 5
4.5
Status register
The STTS751 status register is read-only and located at address 01h. The various status
bits function as described below.
Busy: [7] Bit =1 when a temperature conversion is in progress.
THIGH: [6] Bit = 1 indicates temperature high limit has been exceeded (TA > high limit).
THIGH is cleared when the status register is read, provided the condition no longer exists.
TLOW: [5] Bit = 1 indicates the is at or below the low limit (TA ≤ low limit). TLOW is cleared
when the status register is read, provided the condition no longer exists.
RFU: [4:1] Not used - reserved.
THRM: [0] Bit = 1 indicates the measured temperature has crossed the Therm limit. The
THRM bit will go low when the temperature falls below the Therm limit minus the Therm
Hysteresis. When the THRM bit is high, the Addr/Therm output will be asserted low.
Table 14.
Status register
ADDR
(hex)
R/W
Register
b7
b6
b5
b4
b3
b2
b1
b0
Power-up
default
(hex)
01
R
Status
Busy
THIGH
TLOW
RFU
RFU
RFU
RFU THRM
undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com