Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3045ST Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MBR3045ST
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MBR3045ST Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MBR3045ST Datasheet HTML 1Page - Pan Jit International Inc. MBR3045ST Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
August 31,2010-REV.02
MBR3020ST SERIES
SCHOTTKY BARRIER RECTIFIERS
VOLTAGE
CURRENT
20 to 100 Volts
30 Amperes
Note :
Both Bonding and Chip structure are available.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Metal silicon junction, majority carrier conduction
• Low power loss, high efficiency.
• High current capability
• Guardring for overvoltage protection
• For use in low voltage,high frequency inverters
free wheeling , and polarlity protection applications.
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Case: TO-247S/TO3PS molded plastic
• Terminals: solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Mounting Position: Any
• Weight: 0.1932 ounces, 5.4803 grams.
PA RA ME TE R
S YMB OL MBR3020ST MBR3030ST MBR3040ST MBR3045ST MBR3050ST MBR3060ST MBR3080ST MBR3090ST MBR30100ST UNITS
Ma xi mum Re c urre nt P e a k Re ve rs e Vo lta g e
V
RRM
20
30
4 0
4 5
50
60
8 0
9 0
100
V
Ma xi mum RMS Vo lta g e
V
RMS
14
21
28
31 .5
3 5
4 2
56
63
7 0
V
Ma xi mum D C B lo cki ng Vo lta g e
V
DC
20
30
4 0
4 5
50
60
8 0
9 0
100
V
Ma xi mum A verag e F o rwa rd C urre nt
I
F(AV )
30
A
P e ak F o rward S urg e C urrent :8 .3 ms si ng le
ha lf s i ne -wave supe ri mp o sed o n ra te d lo a d
(J ED EC me tho d )
I
FS M
27 5
A
Ma xi mum F o rward Vo ltag e at 15 A pe r le g
V
F
0.7 0
0 .75
0.8
V
Ma xi mum D C Re ve rse C urre nt a t
Ra te d D C B locki ng Vo ltag e
T
J =2 5
OC
T
J =1 2 5
OC
I
R
0.1
20
0.05
20
mA
Typ i ca l The rma l Re s i sta nce
R
JC
1.4
OC /
W
Op era ti ng Juncti on and S to rag e Te mp e rature
Ra ng e
TJ,TSTG
-5 5 to + 15 0
-6 5 to + 17 5
OC
0.615(15.60)MAX.
0.520(13.20)
0.504(12.80)
0.402(10.20)
0.385(9.80)
0.071(1.80)
0.055(1.40)
0.095(2.40)
0.078(2.00)
0.050(1.25)
0.037(0.95)
0.223(5.65)
0.206(5.25)
0.223(5.65)
0.206(5.25)
0.118(3.0)
MIN.
0.599(15.20)
0.582(14.80)
0.185(4.70)
0.169(4.30)
0.103(2.60)
0.090(2.30)
0.025(0.62)
0.014(0.38)


Similar Part No. - MBR3045ST

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR3045ST MOTOROLA-MBR3045ST Datasheet
50Kb / 2P
SWITCHMODE??Power Rectifier
logo
Microsemi Corporation
MBR3045ST MICROSEMI-MBR3045ST Datasheet
131Kb / 2P
30 AMP SCHOTTKY BARRIER RECTIFIER
logo
ON Semiconductor
MBR3045ST ONSEMI-MBR3045ST Datasheet
132Kb / 5P
SWITCHMODE??Power Rectifier
May, 2008 ??Rev. 7
MBR3045ST ONSEMI-MBR3045ST Datasheet
106Kb / 5P
SWITCHMODE??Power Rectifier
January, 2011 ??Rev. 8
MBR3045ST ONSEMI-MBR3045ST Datasheet
94Kb / 5P
Switch?릑ode Power Rectifier
September, 2014 ??Rev. 9
More results

Similar Description - MBR3045ST

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com