Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1921 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1921
Description  Three-Phase Brushless Motor Driver for OA Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1921 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1921 Datasheet HTML 1Page - Sanyo Semicon Device LB1921 Datasheet HTML 2Page - Sanyo Semicon Device LB1921 Datasheet HTML 3Page - Sanyo Semicon Device LB1921 Datasheet HTML 4Page - Sanyo Semicon Device LB1921 Datasheet HTML 5Page - Sanyo Semicon Device LB1921 Datasheet HTML 6Page - Sanyo Semicon Device LB1921 Datasheet HTML 7Page - Sanyo Semicon Device LB1921 Datasheet HTML 8Page - Sanyo Semicon Device LB1921 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
No. 5439-2/10
LB1921
Specifications
Absolute Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage 1
VCC max
30
V
Maximum supply voltage 2
VM max
30
V
Output current
IO max
T
≤ 100 ms
3.5
A
Allowable power dissipation 1
Pd max1
Independent IC
3
W
Allowable power dissipation 2
Pd max2
With an arbitrarily large heat sink
20
W
Operating temperature
Topr
–20 to +80
°C
Storage temperature
Tstg
–55 to +150
°C
Allowable Operating Ranges at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage range 1
VCC
9.5 to 28
V
Power supply voltage range 2
VM
9 to 28
V
FG Schmitt output applied voltage
VFGS
0 to +8
V
Fixed voltage output current 1
IO1
7-V output
0 to –20
mA
Fixed voltage output current 2
IO2
5-V output
0 to –20
mA
Fixed voltage output current 3
IO3
4-V output
0 to –15
mA
FG Schmitt output current
IFGS
0 to +5
mA
Lock detector output current
ILD
0 to +20
mA
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Current drain 1
ICC1
34
50
mA
Current drain 2
ICC2
Stop mode
8
11
mA
Output saturation voltage 1
VO (sat)1
IO = 1 A
2.0
3.0
V
Output saturation voltage 2
VO (sat)2
IO = 2 A
2.7
4.2
V
Output leakage current
IO leak
100
µA
[7-V Fixed Voltage Output]
Output voltage
VH
IO = –10 mA
6.65
7.0
7.35
V
Voltage variation
∆VH1
VCC = 9.5 to 28 V
50
200
mV
Load variation
∆VH2
IO = –5 to –20 mA
40
200
mV
[5-V Fixed Voltage Output]
Output voltage
VX
IO = –5 mA
4.45
4.80
5.15
V
Voltage variation
∆VX1
VCC = 9.5 to 28 V
50
200
mV
Load variation
∆VX2
IO = –5 to –20 mA
5
200
mV
[4-V Fixed Voltage Output]
Output voltage
VFG
IO = –5 mA
3.65
4.0
4.35
V
Voltage variation
∆VFG1
VCC = 9.5 to 28 V
40
200
mV
Load variation
∆VFG2
IO = –5 to –15 mA
110
200
mV
[Hall Amplifier]
Input bias current
IHB
–4
–1
µA
Common mode input voltage
VICM
1.5
5.1
V
range
Hall input sensitivity
60
mVp-p
Hysteresis
∆VIN
8
14
24
mV
Input voltage low
→ high
VSLH
7
mV
Input voltage high
→ low
VSHL
–7
mV
[Oscillator]
Output high-level voltage
VOH (CR)
2.8
3.1
3.4
V
Output low-level voltage
VOL (CR)
0.8
1.1
1.4
V
Oscillator frequency
f(CR)
R = 56 k
Ω, C = 1000 pF
15
kHz
Amplitude
V(CR)
2.0
Vp-p
Electrical Characteristics at Ta = 25°C, VCC = VM = 24 V
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com