Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1921 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LB1921
Description  Three-Phase Brushless Motor Driver for OA Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1921 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LB1921 Datasheet HTML 1Page - Sanyo Semicon Device LB1921 Datasheet HTML 2Page - Sanyo Semicon Device LB1921 Datasheet HTML 3Page - Sanyo Semicon Device LB1921 Datasheet HTML 4Page - Sanyo Semicon Device LB1921 Datasheet HTML 5Page - Sanyo Semicon Device LB1921 Datasheet HTML 6Page - Sanyo Semicon Device LB1921 Datasheet HTML 7Page - Sanyo Semicon Device LB1921 Datasheet HTML 8Page - Sanyo Semicon Device LB1921 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Pin Assignment
No. 5439-4/10
LB1921
Pin Functions
Pin No.
Symbol
Function
1
2
3
4
5
6
7
8
9
10
11
12
13
14
20, 19
18, 17
16, 15
21
22
23
24
25
26
27
28
5V
7V
VCC
FGIN+
FGIN–
FGOUT
CR
OUT1
OUT2
OUT3
GND2
F/R
S/S
VM
IN1+, IN1–
IN2+, IN2–
IN3+, IN3–
Xtal
GND1
LD
DOUT
INTIN
INTOUT
POUT
FGSOUT
5-V power supply
7-V power supply
Power supply for all blocks other than the output block
FG pulse input (4-V power supply)
FG pulse input
FG amplifier output
PWM oscillator frequency setting
Output 1
Output 2
Output 3
Output block ground
Forward/reverse control
Low: forward, high: reverse
Start/stop control
Low: start, high: stop
Used both as the power supply for the output block and as output current detection. The output current can be
converted to a voltage and detected by inserting the resistor Rf between this pin and VCC.
Hall input for OUT1
Hall input for OUT2
Hall input for OUT3
Crystal oscillator connection. Connect a crystal oscillator element to this pin.
Ground for all blocks other than the output block
Lock detector
This pin goes low when the motor speed is within the lock range (±6.25%).
Speed discriminator output
Over speed
→ high
Integrator input
Integrator output (speed control)
PLL output
FG amplifier output (after the Schmitt trigger circuit)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com