Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1921 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB1921
Description  Three-Phase Brushless Motor Driver for OA Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1921 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB1921 Datasheet HTML 1Page - Sanyo Semicon Device LB1921 Datasheet HTML 2Page - Sanyo Semicon Device LB1921 Datasheet HTML 3Page - Sanyo Semicon Device LB1921 Datasheet HTML 4Page - Sanyo Semicon Device LB1921 Datasheet HTML 5Page - Sanyo Semicon Device LB1921 Datasheet HTML 6Page - Sanyo Semicon Device LB1921 Datasheet HTML 7Page - Sanyo Semicon Device LB1921 Datasheet HTML 8Page - Sanyo Semicon Device LB1921 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
No. 5439-3/10
LB1921
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
[Current Limiter Operation]
Limiter
VCC-VM
0.4
0.5
0.6
V
[Thermal Shutdown Operation]
Thermal shutdown operating
TSD
Design target value
150
180
°C
temperature
Hysteresis
∆TSD
50
°C
[FG Amplifier]
Input offset voltage
VIO (FG)
–10
+10
mV
Input bias current
IB (FG)
–1
+1
µA
Output high-level voltage
VOH (FG)
IFG = –2 mA
5.5
6
V
Output low-level voltage
VOL (FG)
IFG = 2 mA
1
1.5
V
FG input sensitivity
Gain: 100
×
3
mV
Schmitt width at next stage
100
180
250
mV
Operating frequency range
2
kHz
Open-loop gain
f(FG) = 2 kHz
45
51
dB
[FGS Output]
Output saturation voltage
VO (FGS)
IO (FGS )= 2 mA
0.1
0.5
V
Output leakage current
IL (FGS)
VO = 5 V
10
µA
[Speed Discriminator]
Output high-level voltage
VOH (D)
4.0
4.3
V
Output low-level voltage
IOL (D)
0.8
1.1
V
[PLL Output]
Output high-level voltage
VOH (P)
3.2
3.5
3.8
V
Output low-level voltage
VOL (P)
1.2
1.5
1.8
V
[Counts]
512
[Lock Detector]
Output low-level voltage
VOL (LD)
ILD = 10 mA
0.15
0.5
V
Lock range
6.25
%
[Integrator]
Input bias current
IB (INT)
–0.4
+0.4
µA
Output high-level voltage
VOH (INT)
3.7
4.3
V
Output low-level voltage
VOL (INT)
0.8
1.2
V
Open-loop gain
60
dB
Gain-bandwidth product
1.6
MHz
Reference voltage
–5%
VX/2
+5%
V
[Crystal Oscillator]
Operating frequency range
fOSC
1
10
MHz
[Start/Stop Pin]
Input high-level voltage
VIH (S/S)
4.0
V
Input low-level voltage
VIL (S/S)
1.5
V
Pull-down resistor
RD (S/S)
30
50
70
k
Ω
[Reversing Pin]
Input high-level voltage
VIH (F/R)
4.0
V
Input low-level voltage
VIL (F/R)
1.5
V
Hysteresis
∆VIN
0.5
V
Pull-down resistor
RD (F/R)
30
50
70
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com