Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT734 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMT734
Description  ?쏶UPER SOT??SOT23 PNP SILICON POWER DARLINGTON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT734 Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMT734 Datasheet HTML 1Page - Diodes Incorporated FMMT734 Datasheet HTML 2Page - Diodes Incorporated FMMT734 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
“SUPER SOT” SOT23 PNP SILICON
POWER DARLINGTON TRANSISTOR
ISSUE 1 – AUGUST 1997
FEATURES
*
625mW POWER DISSIPATION
*
Very High h
FE at High Current (5A)
*
Extremely Low V
CE(sat) at High Current (1A)
COMPLEMENTARY TYPE – FMMT634
PARTMARKING DETAIL – 734
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-100
V
Collector-Emitter Voltage
VCEO
-100
V
Emitter-Base Voltage
VEBO
-12
V
Peak Pulse Current
ICM
-5
A
Continuous Collector Current
IC
-800
mA
Power Dissipation
Ptot
625
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
* Maximum power dissipation is calculated assuming that the device is mounted on a ceramic
substrate measuring 15x15x0.6mm
**Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
C
B
E
SOT23
FMMT734


Similar Part No. - FMMT734

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT734 ZETEX-FMMT734 Datasheet
74Kb / 3P
PNP SILICON POWER DARLINGTON TRANSISTOR
logo
Guangdong Kexin Industr...
FMMT734 KEXIN-FMMT734 Datasheet
37Kb / 2P
Power Darlington Transistor
logo
Diodes Incorporated
FMMT734TA DIODES-FMMT734TA Datasheet
85Kb / 3P
POWER DARLINGTON TRANSISTOR
AUGUST 1997
More results

Similar Description - FMMT734

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
FMMTA63 ATMEL-FMMTA63 Datasheet
51Kb / 1P
SOT23 PNP SILICON PLANAR DARLINGTON TRANSISTORS
logo
Diodes Incorporated
FMMT634 DIODES-FMMT634 Datasheet
115Kb / 3P
?쏶uperSOT??SOT23 NPN SILICON POWER DARLINGTON TRANSISTOR
APRIL 97
FMMT718 DIODES-FMMT718 Datasheet
183Kb / 7P
SOT23 PNP SILICON POWER (SWITCHING) TRANSISTOR
DS31924 Rev. 2 - 2
FMMTA64 DIODES-FMMTA64 Datasheet
43Kb / 1P
SOT23 PNP SILICON PLANAR DARLINGTON TRANSISTOR
MARCH 2001
logo
New Jersey Semi-Conduct...
2SB1568 NJSEMI-2SB1568 Datasheet
71Kb / 2P
Silicon PNP Darlington Power Transistor
2SB1481 NJSEMI-2SB1481 Datasheet
76Kb / 2P
Silicon PNP Darlington Power Transistor
2SB1495 NJSEMI-2SB1495 Datasheet
72Kb / 2P
Silicon PNP Darlington Power Transistor
logo
Diodes Incorporated
BCV46 DIODES-BCV46_15 Datasheet
216Kb / 5P
60V PNP DARLINGTON TRANSISTOR IN SOT23
Rev 4
BCV26 DIODES-BCV26 Datasheet
51Kb / 1P
SOT23 PNP SILICON PLANAR DARLINGTON TRANSISTORS
SEPTEMBER 1995
BCV46 DIODES-BCV46 Datasheet
216Kb / 5P
60V PNP DARLINGTON TRANSISTOR IN SOT23
January 2013 Rev. 4 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com