Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1971V Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LB1971V
Description  Three-Phase Full-Wave Sensorless CD and MD Players Spindle Motor Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1971V Datasheet(HTML) 8 Page - Sanyo Semicon Device

  LB1971V Datasheet HTML 1Page - Sanyo Semicon Device LB1971V Datasheet HTML 2Page - Sanyo Semicon Device LB1971V Datasheet HTML 3Page - Sanyo Semicon Device LB1971V Datasheet HTML 4Page - Sanyo Semicon Device LB1971V Datasheet HTML 5Page - Sanyo Semicon Device LB1971V Datasheet HTML 6Page - Sanyo Semicon Device LB1971V Datasheet HTML 7Page - Sanyo Semicon Device LB1971V Datasheet HTML 8Page - Sanyo Semicon Device LB1971V Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
No. 6214-8/9
LB1971V
Pin No.
Symbol
Pin voltage
Function
Equivalent circuit
9
FC
Continued on next page.
10
DET
• Drive waveform sink side envelope
detection
Nothing connected to this pin in normal
operation.
11
12
CSLP1
CSLP2
VCC1
1 k
Ω
11 12
• Connection for the capacitor used for
triangular wave generation
The soft switching operation of the coil
output waveform is created using this
triangular waveform.
14
15
16
22
CX
NC
• Unused
• Clock oscillator used by the sensorless
logic
Connect a capacitor between the CX pin
and ground.
Oscillator frequency must be set up to
60 kHz.
Continued from preceding page.
• Frequency characteristics determination
Closed loop oscillation of the current
control system can be stopped by
connecting a capacitor between this pin
and ground.
1 k
Ω
VCC1
14
13
GND
•Ground
VCC1
1 k
Ω
10
23
1
2
30 k
Ω
1 k
Ω
1 k
Ω
1 k
Ω
VCC1
9
2 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com