Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1971V Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LB1971V
Description  Three-Phase Full-Wave Sensorless CD and MD Players Spindle Motor Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1971V Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LB1971V Datasheet HTML 1Page - Sanyo Semicon Device LB1971V Datasheet HTML 2Page - Sanyo Semicon Device LB1971V Datasheet HTML 3Page - Sanyo Semicon Device LB1971V Datasheet HTML 4Page - Sanyo Semicon Device LB1971V Datasheet HTML 5Page - Sanyo Semicon Device LB1971V Datasheet HTML 6Page - Sanyo Semicon Device LB1971V Datasheet HTML 7Page - Sanyo Semicon Device LB1971V Datasheet HTML 8Page - Sanyo Semicon Device LB1971V Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
No. 6214-4/9
LB1971V
Application Circuit Example 1: Portable CD Player (maximum speed: about 1000 rpm)
LB1971V
1
2
3
4
5
6
7
8
9
10
11
12
20
21
22
23
13
14
15
16
17
18
19
24
STBY
BRK
+
+
VS
1
µ
47
µ
0.047
µ
0.047
µ
0.047
µ
470 p
1.5 M
20 K
0.25
VCC
FG
Application Circuit Example 2: Portable MD Player (maximum speed: about 2000 rpm)
LB1971V
1
2
3
4
5
6
7
8
9
10
11
12
20
21
22
23
13
14
15
16
17
18
19
24
STBY
BRK
+
+
VS
1
µ
47
µ
0.047
µ
0.022
µ
0.022
µ
470 p
1.5 M
20 K
0.25
VCC
FG
Unit (resistance:
Ω, capacitance: F )
Unit (resistance:
Ω, capacitance: F )



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com