Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1971V Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LB1971V
Description  Three-Phase Full-Wave Sensorless CD and MD Players Spindle Motor Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1971V Datasheet(HTML) 7 Page - Sanyo Semicon Device

  LB1971V Datasheet HTML 1Page - Sanyo Semicon Device LB1971V Datasheet HTML 2Page - Sanyo Semicon Device LB1971V Datasheet HTML 3Page - Sanyo Semicon Device LB1971V Datasheet HTML 4Page - Sanyo Semicon Device LB1971V Datasheet HTML 5Page - Sanyo Semicon Device LB1971V Datasheet HTML 6Page - Sanyo Semicon Device LB1971V Datasheet HTML 7Page - Sanyo Semicon Device LB1971V Datasheet HTML 8Page - Sanyo Semicon Device LB1971V Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
No. 6214-7/9
LB1971V
Pin Functions
Pin No.
Symbol
Pin voltage
Function
Equivalent circuit
2
1
23
UOUT
VOUT
WOUT
VCC1
24
2
1 23
VS
Continued on next page.
• U, V, and W phases coil outputs
24
RF
• Rf connection
The LB1971V implements current control
using a resistor (Rf) connected between
this pin and ground to detect the drive
current.
0 to VCC1
3
STBY
VCC1
30 k
Ω
3
70 k
Ω
• Standby control
Normal operation: High
Standby: Low or open
0 to VCC1
4
BRK
VCC1
330
Ω
4
50 k
Ω
• Forward/reverse torque switching
Forward torque: Low or open
Reverse torque: High
2.0 V to 6.0 V
5
VCC1
• Power supply connection
6
8
VS
FG
• FG output
These are open collector output.
VCC1
8
• Motor drive and speed control blocks
power supply
The voltage applied to this pin must be
strictly lower than VCC2.
0 V to VCC2
7
VCC2
2.0 V to 6.0 V
• Power supply connection for the pre-
drive circuit and the motor back EMF
detection comparator circuit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com