Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8220ARMZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8220ARMZ-R7
Description  JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8220ARMZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8220ARMZ-R7 Datasheet HTML 4Page - Analog Devices AD8220ARMZ-R7 Datasheet HTML 5Page - Analog Devices AD8220ARMZ-R7 Datasheet HTML 6Page - Analog Devices AD8220ARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8220ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8220ARMZ-R7 Datasheet HTML 9Page - Analog Devices AD8220ARMZ-R7 Datasheet HTML 10Page - Analog Devices AD8220ARMZ-R7 Datasheet HTML 11Page - Analog Devices AD8220ARMZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD8220
Rev. B | Page 8 of 28
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
±18 V
Power Dissipation
See Figure 3
Output Short-Circuit Current
Indefinite1
Input Voltage (Common Mode)
±Vs
Differential Input Voltage
±Vs
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range2
−40°C to +125°C
Lead Temperature (Soldering 10 sec)
300°C
Junction Temperature
140°C
θJA (4-Layer JEDEC Standard Board)
135°C/W
Package Glass Transition Temperature
140°C
ESD (Human Body Model)
4 kV
ESD (Charge Device Model)
1 kV
ESD (Machine Model)
0.4 kV
1 Assumes the load is referenced to midsupply.
2 Temperature for specified performance is −40°C to +85°C. For performance
to 125°C, see the Typical Performance Characteristics section.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Figure 3 shows the maximum safe power dissipation in the
package vs. the ambient temperature for the MSOP on a 4-layer
JEDEC standard board. θJA values are approximations.
2.00
0
–40
120
AMBIENT TEMPERATURE (°C)
1.75
1.50
1.25
1.00
0.75
0.50
0.25
–20
0
20
40
60
80
100
Figure 3. Maximum Power Dissipation vs. Ambient Temperature
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com