Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8220ARMZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8220ARMZ-R7
Description  JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8220ARMZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8220ARMZ-R7 Datasheet HTML 10Page - Analog Devices AD8220ARMZ-R7 Datasheet HTML 11Page - Analog Devices AD8220ARMZ-R7 Datasheet HTML 12Page - Analog Devices AD8220ARMZ-R7 Datasheet HTML 13Page - Analog Devices AD8220ARMZ-R7 Datasheet HTML 14Page - Analog Devices AD8220ARMZ-R7 Datasheet HTML 15Page - Analog Devices AD8220ARMZ-R7 Datasheet HTML 16Page - Analog Devices AD8220ARMZ-R7 Datasheet HTML 17Page - Analog Devices AD8220ARMZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD8220
Rev. B | Page 14 of 28
18
–18
–16
16
OUTPUT VOLTAGE (V)
12
6
0
–6
–12
–12
–8
–4
0
4
8
12
+13V
–15.3V
±15V SUPPLIES
+14.9V, –9V
+14.9V, +5.4V
+4.9V, +0.5V
+4.9V, –4.1V
–4.9V, +0.4V
–4.9V, –4.1V
–5.3V
+3V
–14.8V, –9V
–14.9V, +5.4V
±5V SUPPLIES
Figure 29. Input Common-Mode Voltage Range vs. Output Voltage,
G = 100, VREF = 0 V
01
23
45
4
–1
–1
6
OUTPUT VOLTAGE (V)
3
2
1
0
+3V
–0.3V
+4.9V, +1.7V
+4.9V, –0.5V
+0.1V, +1.7V
+0.1V, –0.5V
+5V SINGLE SUPPLY,
VREF = +2.5V
Figure 30. Input Common-Mode Voltage Range vs. Output Voltage,
G = 100, VS = +5 V, VREF = 2.5 V
VS+
–1
218
SUPPLY VOLTAGE (V)
–1
–2
+1
VS–
4
6
8
101214
16
–40°C
+125°C
+25°C
+85°C
+25°C
–40°C
NOTES
1. THE AD8220 CAN OPERATE UP TO A VBE BELOW
THE NEGATIVE SUPPLY, BUT THE BIAS CURRENT
WILL INCREASE SHARPLY.
+85°C +125°C
Figure 31. Input Voltage Limit vs. Supply Voltage, G = 1, VREF =0 V
VS+
VS–
218
DUAL SUPPLY VOLTAGE (±V)
–1
–2
–3
–4
+4
+3
+2
+1
4
6
8
10
12
14
16
–40°C
+25°C
+125°C
+85°C
–40°C
+25°C
+85°C
+125°C
Figure 32. Output Voltage Swing vs. Supply Voltage, RLOAD = 2 kΩ, G = 10,
VREF = 0 V
VS+
VS–
218
DUAL SUPPLY VOLTAGE (±V)
–0.2
–0.4
+0.4
+0.2
4
6
8
10
12
14
16
+85°C
+125°C
+25°C
–40°C
–40°C
+25°C
+85°C
+125°C
Figure 33. Output Voltage Swing vs. Supply Voltage, RLOAD = 10 kΩ, G = 10,
VREF = 0 V
15
–15
100
10k
RLOAD (Ω)
1k
10
5
0
–5
–10
+125°C
+85°C
+25°C
–40°C
+125°C
+85°C
+25°C
–40°C
Figure 34. Output Voltage Swing vs. Load Resistance VS = ±15 V, VREF = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com