Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8220ARMZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8220ARMZ-R7
Description  JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8220ARMZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8220ARMZ-R7 Datasheet HTML 16Page - Analog Devices AD8220ARMZ-R7 Datasheet HTML 17Page - Analog Devices AD8220ARMZ-R7 Datasheet HTML 18Page - Analog Devices AD8220ARMZ-R7 Datasheet HTML 19Page - Analog Devices AD8220ARMZ-R7 Datasheet HTML 20Page - Analog Devices AD8220ARMZ-R7 Datasheet HTML 21Page - Analog Devices AD8220ARMZ-R7 Datasheet HTML 22Page - Analog Devices AD8220ARMZ-R7 Datasheet HTML 23Page - Analog Devices AD8220ARMZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD8220
Rev. B | Page 20 of 28
GAIN SELECTION
Placing a resistor across the RG terminals sets the AD8220 gain,
which can be calculated by referring to Table 5 or by using the
gain equation
1
kΩ
4
.
49
G
RG
Table 5. Gains Achieved Using 1% Resistors
1% Standard Table Value of RG (Ω)
Calculated Gain
49.9 k
1.990
12.4 k
4.984
5.49 k
9.998
2.61 k
19.93
1.00 k
50.40
499
100.0
249
199.4
100
495.0
49.9
991.0
The AD8220 defaults to G = 1 when no gain resistor is used.
Gain accuracy is determined by the absolute tolerance of RG.
The TC of the external gain resistor increases the gain drift of
the instrumentation amplifier. Gain error and gain drift are kept
to a minimum when the gain resistor is not used.
LAYOUT
Careful board layout maximizes system performance. In
applications that need to take advantage of the low input bias
current of the AD8220, avoid placing metal under the input path
to minimize leakage current. To maintain high CMRR over
frequency, lay out the input traces symmetrically and lay out the
traces of the RG resistor symmetrically. Ensure that the traces
maintain resistive and capacitive balance; this holds for additional
PCB metal layers under the input and RG pins. Traces from the
gain setting resistor to the RG pins should be kept as short as
possible to minimize parasitic inductance. An example layout is
shown in Figure 57 and Figure 58. To ensure the most accurate
output, the trace from the REF pin should either be connected to
the AD8220 local ground (see Figure 59) or connected to a
voltage that is referenced to the AD8220 local ground.
Common-Mode Rejection Ratio (CMRR)
The AD8220 has high CMRR over frequency giving it greater
immunity to disturbances, such as line noise and its associated
harmonics, in contrast to typical in-amps whose CMRR falls off
around 200 Hz. These in-amps often need common-mode
filters at the inputs to compensate for this shortcoming. The
AD8220 is able to reject CMRR over a greater frequency range,
reducing the need for input common-mode filtering.
A well-implemented layout helps to maintain the high CMRR
over frequency of the AD8220. Input source impedance and
capacitance should be closely matched. In addition, source
resistance and capacitance should be placed as close to the
inputs as possible.
Grounding
The output voltage of the AD8220 is developed with respect to
the potential on the reference terminal. Care should be taken to
tie REF to the appropriate local ground (see Figure 59).
In mixed-signal environments, low level analog signals need to
be isolated from the noisy digital environment. Many ADCs
have separate analog and digital ground pins. Although it is
convenient to tie both grounds to a single ground plane, the
current traveling through the ground wires and PC board can
cause a large error. Therefore, separate analog and digital
ground returns should be used to minimize the current flow
from sensitive points to the system ground.
Figure 57. Example Layout—Top Layer of the AD8220 Evaluation Board
Figure 58. Example Layout—Bottom Layer of the AD8220 Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com