Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8221ARMZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8221ARMZ-R7
Description  Precision Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8221ARMZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD8221ARMZ-R7 Datasheet HTML 1Page - Analog Devices AD8221ARMZ-R7 Datasheet HTML 2Page - Analog Devices AD8221ARMZ-R7 Datasheet HTML 3Page - Analog Devices AD8221ARMZ-R7 Datasheet HTML 4Page - Analog Devices AD8221ARMZ-R7 Datasheet HTML 5Page - Analog Devices AD8221ARMZ-R7 Datasheet HTML 6Page - Analog Devices AD8221ARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8221ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8221ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD8221
Rev. B | Page 5 of 24
AR Grade
BR Grade
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
TEMPERATURE RANGE
Specified Performance
–40
+85
–40
+85
°C
Operating Range4
–40
+125
–40
+125
°C
1 Total RTI VOS = (VOSI) + (VOSO/G).
2 Does not include the effects of external resistor RG.
3 One input grounded. G = 1.
4 See Typical Performance Characteristics for expected operation between 85°C to 125°C.
Table 2.
ARM Grade
Parameter
Conditions
Min
Typ
Max
Unit
COMMON-MODE REJECTION RATIO (CMRR)
CMRR DC to 60 Hz with 1 kΩ Source Imbalance
VCM = −10 V to +10 V
G = 1
80
dB
G = 10
100
dB
G = 100
120
dB
G = 1000
130
dB
CMRR at 10 kHz
VCM = –10 V to +10 V
G = 1
80
dB
G = 10
90
dB
G = 100
100
dB
G = 1000
100
dB
NOISE
RTI noise = √eNI2 + (eNO/G)2
Voltage Noise, 1 kHz
Input Voltage Noise, eNI
VIN+, VIN−, VREF = 0
8
nV/√Hz
Output Voltage Noise, eNO
75
nV/√Hz
RTI
f = 0.1 Hz to 10 Hz
G = 1
2
μV p-p
G = 10
0.5
μV p-p
G = 100 to 1000
0.25
μV p-p
Current Noise
f = 1 kHz
40
fA/√Hz
f = 0.1 Hz to 10 Hz
6
pA p-p
VOLTAGE OFFSET1
Input Offset, VOSI
VS = ±5 V to ±15 V
70
μV
Over Temperature
T = −40°C to +85°C
135
μV
Average TC
0.9
μV/°C
Output Offset, VOSO
VS = ±5 V to ±15 V
600
μV
Over Temperature
T = −40°C to +85°C
1.00
mV
Average TC
9
μV/°C
Offset RTI vs. Supply (PSR)
VS = ±2.3 V to ±18 V
G = 1
90
100
dB
G = 10
100
120
dB
G = 100
120
140
dB
G = 1000
120
140
dB
INPUT CURRENT
Input Bias Current
0.5
2
nA
Over Temperature
T = −40°C to +85°C
3
nA
Average TC
3
pA/°C
Input Offset Current
0.3
1
nA
Over Temperature
T = −40°C to +85°C
1.5
nA
Average TC
3
pA/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com