Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8221ARMZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8221ARMZ-R7
Description  Precision Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8221ARMZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8221ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8221ARMZ-R7 Datasheet HTML 9Page - Analog Devices AD8221ARMZ-R7 Datasheet HTML 10Page - Analog Devices AD8221ARMZ-R7 Datasheet HTML 11Page - Analog Devices AD8221ARMZ-R7 Datasheet HTML 12Page - Analog Devices AD8221ARMZ-R7 Datasheet HTML 13Page - Analog Devices AD8221ARMZ-R7 Datasheet HTML 14Page - Analog Devices AD8221ARMZ-R7 Datasheet HTML 15Page - Analog Devices AD8221ARMZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD8221
Rev. B | Page 12 of 24
0
20
10
30
LOAD RESISTANCE (Ω)
10
1
100
1k
10k
VS = ±15V
Figure 21. Output Voltage Swing vs. Load Resistance
–VS +0
+1
+2
+3
–3
–2
–1
+VS –0
01
23
45
67
89
10
11
12
OUTPUT CURRENT (mA)
SOURCING
SINKING
Figure 22. Output Voltage Swing vs. Output Current, G = 1
–10
–8
–6
–4
–2
024
68
10
VS = ±15V
OUTPUT VOLTAGE (V)
Figure 23. Gain Nonlinearity, G = 1, RL = 10 kΩ
VS = ±15V
–10
–8
–6
–4
–2
0
2
4
6
8
10
OUTPUT VOLTAGE (V)
Figure 24. Gain Nonlinearity, G = 100, RL = 10 kΩ
VS = ±15V
–10
–8
–6
–4
–2
0
2
4
6
8
10
OUTPUT VOLTAGE (V)
Figure 25. Gain Nonlinearity, G = 1000, RL = 10 kΩ
1
100
10
1k
1
10
100
1k
10k
100k
FREQUENCY (Hz)
GAIN = 1
GAIN = 1000
BW LIMIT
GAIN = 10
GAIN = 100
GAIN = 1000
Figure 26. Voltage Noise Spectral Density vs. Frequency (G = 1 to 1000)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com